Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PMV-R

  • AI
    The **PMV-R** (Positioner Mounting Variable - Rotary) typically refers to high-performance pneumatic/electro-pneumatic positioners used in industrial valve actuation. These devices translate a control signal into a specific valve position. Below is an explanation of the core electronic components and their functions. --- ### 1. Core Electronic Components | Component | Function | Details | | :--- | :--- | :--- | | **I/P Converter** | Signal Translation | Converts the 4-20mA electrical control signal into a proportional pneumatic pressure signal. | | **Potentiometer / Hall Effect Sensor** | Position Feedback | Measures the actual rotation of the valve stem to provide closed-loop control. | | **Microprocessor (Digital units)** | Logic Control | Processes input signals, compares them to feedback, and calculates the necessary correction. | | **Terminal Block** | Connectivity | The interface where field wiring (Control loop, switches, and transmitters) is connected. | | **LCD / LED Display** | Human-Machine Interface | Provides local diagnostics, calibration menus, and status alerts. | --- ### 2. Electronic Operating Modes The electronic architecture allows the PMV-R to operate in several configurations: * **Analog (4-20mA):** The most common method, where the current level directly corresponds to a 0-100% valve opening. * **HART Protocol:** Digital communication superimposed over the 4-20mA signal, allowing for remote configuration and advanced diagnostics. * **Fieldbus / Profibus:** Fully digital integration for smart factories, providing high-speed data exchange. ### 3. Integrated Electronic Options Modern PMV-R units often include "Plug-and-Play" electronic modules to expand functionality: 1. **Feedback Transmitter:** A 4-20mA output board that tells the control room the *actual* position of the valve. 2. **Limit Switches:** Mechanical or Inductive (Proximity) sensors that trigger electrical signals when the valve reaches fully open or fully closed positions. 3. **Intrinsically Safe (IS) Circuitry:** Specialized electronics designed to operate in hazardous (explosive) environments by limiting thermal and electrical energy. --- ### 4. Technical Specifications (Electronic) | Parameter | Standard Range | | :--- | :--- | | **Input Signal** | 4 - 20 mA | | **Input Impedance** | 250 - 450 Ohms (Typical) | | **Voltage Supply** | Loop-powered (min 8-10V DC) | | **Accuracy** | < 0.5% of span | | **Enclosure Rating** | IP66 / NEMA 4X |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the analog and digital versions of the PMV-R?
    • ⤷ How do I calibrate the electronic feedback on a PMV positioner?
    • ⤷ Which limit switch options are compatible with the PMV-R series?