Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PN-RX

  • AI
    The **PN-RX** series is a professional-grade line of large-format LCD monitors manufactured by Sharp, designed for 24/7 commercial use, digital signage, and command centers. These displays are built with ruggedized internal electronic components compared to standard consumer televisions. ### Key Electronic Components of PN-RX | Component Category | Description & Function | Key Features | | :--- | :--- | :--- | | **LCD Controller Board** | The "brain" of the monitor that processes incoming video signals. | Supports high-bandwidth data; manages scaling and image enhancement. | | **Power Supply Unit (PSU)** | Heavy-duty internal power board. | Designed for constant (24/7) operation with industrial-grade capacitors. | | **Backlight Inverter** | Controls the LED/CCFL backlight array. | Features precise dimming zones and high brightness output (up to 700 cd/m²). | | **T-CON Board** | Timing Controller that translates video data for the LCD panel. | Ensures high refresh rates and eliminates motion blur. | | **I/O Interface Board** | The physical connection hub for external devices. | Includes DisplayPort, HDMI, DVI-D, and RS-232C for remote control. | --- ### Technical Specifications Breakdown The electronics are engineered to handle harsh environments and long-term deployment. 1. **Thermal Management System:** * **Sensors:** Multiple internal temperature sensors monitor heat buildup. * **Fan Control:** Integrated cooling fans that activate automatically to prevent thermal throttling of the internal chips. 2. **Signal Processing (Daisy Chaining):** * The internal circuitry supports **DisplayPort Multi-Stream Transport (MST)**, allowing the electronic signal to be passed from one monitor to another without an external splitter. 3. **RS-232C and LAN Control:** * Unlike consumer TVs, the PN-RX features specialized communication chips that allow IT administrators to turn the unit on/off or change inputs remotely via a network. ### Circuitry Durability The PN-RX series utilizes **Industrial Grade Capacitors**. In standard electronics, capacitors are often the first point of failure due to heat. In the PN-RX, these are rated for higher temperatures and longer lifespans, ensuring the screen does not "flicker" or fail to power on after several years of constant use.
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption ratings for the PN-RX series?
    • ⤷ How does the RS-232C control protocol work for these displays?
    • ⤷ Can the PN-RX internal boards be repaired or replaced individually?