Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PNETR6

  • AI
    Based on your request, it appears you are referring to the **PNETR6**, which is a high-performance **Industrial Ethernet Surge Protector** (often manufactured by APC by Schneider Electric). This device is designed to protect sensitive electronic equipment from power surges and transient voltages entering through network cables. Below is an explanation of its electronic components and internal design. --- ## 1. Core Electronic Components The PNETR6 utilizes a multi-stage protection circuit to handle high-speed data while suppressing electrical noise and surges. | Component | Function | | :--- | :--- | | **TVS Diodes** | (Transient Voltage Suppression) These react in nanoseconds to clamp high voltage to a safe level without distorting the data signal. | | **Gas Discharge Tubes (GDT)** | Used for high-energy surge dissipation. They act as a high-speed switch that diverts heavy current to the ground. | | **Coupling Capacitors** | Help in maintaining signal integrity and DC isolation, ensuring that the surge protection doesn't interfere with the 10/100/1000 Base-T frequencies. | | **Self-Resettable Fuses** | Some variations include PTC (Positive Temperature Coefficient) components to protect against sustained overcurrent. | --- ## 2. Technical Specifications As an electronic part, the PNETR6 is specifically tuned for **Category 6 (Cat6)** cabling standards. * **Data Rate Support:** Up to 10 Gbps (optimized for 1000Base-T). * **Protection Modes:** Common Mode (Line-to-Ground) and Differential Mode (Line-to-Line). * **Response Time:** Less than 1 nanosecond ($<1ns$). * **Peak Surge Current:** Rated to handle up to several kilo-Amps (kA) depending on the specific surge waveform. --- ## 3. Physical Architecture and Chassis The PNETR6 is not a standalone plastic box; it is part of a modular system. ### Internal Layout 1. **Shielded RJ45 Connectors:** Ensure that the ground continuity of the STP (Shielded Twisted Pair) cable is maintained. 2. **PCB Trace Design:** The internal Printed Circuit Board (PCB) uses impedance-matched traces to ensure that the Cat6 signal does not suffer from "Return Loss" or "Crosstalk." 3. **Grounding Pin:** On the back of the module, there is a physical contact point that connects to the **PRM4** or **PRM24** rack chassis, which serves as the common earth ground. --- ### Comparison of Features | Feature | PNETR6 Performance | | :--- | :--- | | **Let-through Voltage** | Low (typically < 60V) | | **PoE Compatibility** | Supports Power over Ethernet (PoE) and PoE+ | | **Mounting Style** | Modular / Rack-mount | ---
    ✨ Follow-up Questions
    • ⤷ How does the PNETR6 handle Power over Ethernet (PoE) without tripping?
    • ⤷ What is the difference between the PNETR6 and a standard PNET1GB surge protector?
    • ⤷ How should the grounding chassis for these modules be installed for maximum safety?