Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PNS-1F-R

  • AI
    The **PNS-1F-R** is a specialized electronic component, typically categorized as a **High-Voltage Reed Sensor** or proximity switch, often manufactured by companies like OKI Sensor Device (now part of Standex Electronics). These components are designed for non-contact detection using magnetic fields. --- ## 1. Technical Specifications The "PNS" series is known for its high reliability and specific electrical characteristics suited for industrial environments. | Feature | Description | | :--- | :--- | | **Contact Form** | Form A (Normally Open) | | **Switching Voltage** | Usually rated up to 200V - 350V DC (Model dependent) | | **Switching Current** | 0.5A to 1.0A | | **Contact Resistance** | Max 100-150 mΩ | | **Operating Temperature** | -20°C to +85°C | | **Housing Material** | Plastic (PBT or similar reinforced resin) | --- ## 2. Key Electronic Parts & Construction The device consists of three primary internal sections: ### A. The Reed Switch The heart of the unit is a glass-encapsulated reed switch. It consists of two ferromagnetic blades (reeds) plated with precious metals (like Rhodium or Ruthenium) to prevent oxidation and ensure low contact resistance over millions of cycles. ### B. Encapsulation/Housing The internal reed switch is "potted" using an epoxy resin inside a rugged plastic housing. This provides: * **Galvanic Isolation:** High dielectric strength between the circuit and the environment. * **Mechanical Protection:** Resistance against vibration and physical shock. * **Environmental Sealing:** Protection against moisture, dust, and corrosive gases. ### C. Termination (The "R" Suffix) The "R" in the part number often denotes the lead configuration or compliance: * **RoHS Compliance:** Ensuring the part is free from lead and other hazardous substances. * **Right-Angle/Radial Leads:** Depending on the specific datasheet, it may refer to the orientation of the connection pins for PCB mounting. --- ## 3. Working Principle The PNS-1F-R operates via **Magnetic Induction**: 1. **Passive State:** When no magnetic field is present, the internal reeds remain separated (Open circuit). 2. **Active State:** When a permanent magnet or electromagnet approaches the sensor, the magnetic flux flows through the reeds, causing them to attract and touch (Closed circuit). 3. **Reset:** Once the magnet is removed, the spring tension of the reeds causes them to snap back to the open position. --- ## 4. Common Applications * **Security Systems:** Door and window position sensing. * **Industrial Automation:** Limit switching for pneumatic cylinders. * **Automotive:** Fluid level sensing (brake fluid/coolant) via float magnets. * **Safety Interlocks:** Ensuring machine guards are closed before operation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum breakdown voltage for the PNS-1F-R?
    • ⤷How does the magnetic sensitivity (AT rating) affect the trigger distance?
    • ⤷Can this sensor be used in AC circuits or is it DC only?