Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • POW-2744P-B-R

  • AI
    The **POW-2744P-B-R** is a high-sensitivity, omnidirectional electret condenser microphone (ECM) component. It is commonly used in consumer electronics, telecommunications, and audio recording devices due to its compact size and reliable performance. --- ### 1. Technical Specifications Below are the primary electronic characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Type** | Electret Condenser Microphone (ECM) | | **Directionality** | Omnidirectional (360° pickup) | | **Sensitivity** | -44 ± 3 dB (0dB = 1V/Pa, 1kHz) | | **Operating Voltage** | 2.0V (Standard), up to 10V (Max) | | **Current Consumption** | 0.5 mA (Max) | | **Frequency Range** | 20 Hz – 16,000 Hz | | **Signal to Noise Ratio** | > 58 dB | | **Impedance** | 2.2 kΩ (Max) | | **Dimensions** | 6.0 mm (Diameter) x 2.7 mm (Height) | --- ### 2. Internal Electronic Structure The POW-2744P-B-R operates based on a capacitive principle. It consists of several key internal parts: * **The Diaphragm:** A thin, metallized plastic film that vibrates when hit by sound waves. * **The Backplate:** A stationary plate that holds a permanent electrostatic charge (the "Electret"). * **The JFET (Internal Transistor):** Because the capacitance of the diaphragm is extremely small, the output impedance is very high. An internal Junction Field-Effect Transistor (JFET) acts as an impedance converter, transforming the high-impedance signal into a usable low-impedance signal. --- ### 3. Application Circuit To use this component, you must provide a bias voltage through a load resistor ($R_L$). ```mermaid [Vcc (2.0V)] | [RL (2.2kΩ)] | +----[ Coupling Capacitor (0.1uF to 10uF) ]----> Audio Out | [POW-2744P-B-R] | [GND] ``` --- ### 4. Physical Termination The **"P"** in the part number usually indicates **Pin-type** termination (solder pins), while the **"R"** often denotes compliance with **RoHS** environmental standards. * **Terminal 1 (Output/Bias):** Connected to the JFET Drain. * **Terminal 2 (Ground):** Connected to the metal case for shielding against EMI/RFI.
    ✨ Follow-up Questions
    • ⤷ What is the recommended load resistor value for a 3.3V power supply?
    • ⤷ How does the signal-to-noise ratio affect audio quality in this specific model?
    • ⤷ Are there surface-mount (SMD) equivalents to the POW-2744P?