Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PP-15-R

  • AI
    The **PP-15-R** typically refers to a specific series of **DC-DC Converters** (often manufactured by companies like TDK-Lambda or CUI). These are compact, board-mounted power modules designed to convert a DC input voltage into a regulated DC output voltage. --- ### 1. General Specifications The "15" in the part number generally signifies the power rating (15 Watts), while the "R" often denotes specific pin configurations or compliance standards (like RoHS). | Feature | Description | | :--- | :--- | | **Input Voltage Range** | Typically wide ranges (e.g., 18V–36V or 36V–75V DC) | | **Output Voltage** | Usually fixed (e.g., 3.3V, 5V, 12V, or 15V DC) | | **Power Output** | 15 Watts maximum | | **Efficiency** | Generally 80% to 88% depending on the load | | **Isolation** | Input-to-output isolation (commonly 1500V DC) | --- ### 2. Internal Electronic Architecture The PP-15-R utilizes a **Switch-Mode Power Supply (SMPS)** topology. The key internal components include: * **PWM Controller IC:** The "brain" of the unit that regulates the output by adjusting the duty cycle of the switching frequency. * **Switching MOSFETs:** High-speed transistors that chop the input DC into high-frequency AC. * **Isolation Transformer:** A high-frequency ferrite core transformer that provides the "galvanic isolation" between the input and output stages. * **Rectifier Diodes/Schottky Diodes:** These convert the high-frequency AC from the transformer back into DC. * **LC Filter (Inductors & Capacitors):** These components smooth out the ripples and noise to provide a steady DC voltage. --- ### 3. Pin Configuration & Features Most PP-15-R modules feature 5 to 6 pins with specific functions: 1. **+Vin / -Vin:** Positive and negative DC input terminals. 2. **+Vout / -Vout:** Regulated DC output terminals. 3. **Trim Pin (Optional):** Allows the user to adjust the output voltage slightly (e.g., ±10%) using an external resistor. 4. **CNT (Control/Remote On-Off):** Allows the converter to be turned on or off via a logic signal without disconnecting the main power. --- ### 4. Protection Circuits To ensure the safety of the connected electronics, these parts include integrated protection: * **Over-Current Protection (OCP):** Shuts down or limits current if a short circuit occurs. * **Over-Voltage Protection (OVP):** Prevents the output from exceeding safe limits if the internal feedback loop fails. * **Thermal Shutdown:** Protects the module from overheating during high-ambient temperature operations.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the PP15-24-5 version?
    • ⤷ How do I calculate the resistor value for the Trim pin?
    • ⤷ What are the thermal derating requirements for this part?