Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPC-312-RJ60A

  • AI
    The **PPC-312-RJ60A** is an industrial-grade Panel PC designed by Advantech, featuring a 12.1" display and an Intel Atom platform. Below is a detailed breakdown of its core electronic components and technical specifications. --- ### 1. Core Computing Architecture The "brain" of the device is centered around low-power, fanless processing designed for 24/7 industrial operation. | Component | Specification | | :--- | :--- | | **Processor (CPU)** | Intel® Atom™ x6413E (Elkhart Lake) | | **Clock Speed** | 1.50 GHz (Base) / 3.00 GHz (Burst) | | **Cores/Threads** | 4 Cores / 4 Threads | | **Memory (RAM)** | 1 x SO-DIMM DDR4 (Up to 32GB, 3200MHz) | | **Graphics** | Integrated Intel® UHD Graphics | ### 2. Display and Touch Interface The panel is designed for human-machine interface (HMI) applications, focusing on durability and visibility. * **LCD Panel:** 12.1" TFT LED backlight display. * **Resolution:** 1024 x 768 (XGA). * **Luminance:** 600 $cd/m^2$ (high brightness for industrial environments). * **Touch Controller:** Projected Capacitive (P-CAP) multi-touch or 5-wire resistive (depending on specific sub-model configuration). * **Durability:** Front panel is IP66 rated (protection against dust and water jets). ### 3. Connectivity and I/O Ports The electronic layout includes various ports for peripheral integration and industrial networking. | Port Type | Quantity | Details | | :--- | :--- | :--- | | **Ethernet** | 2 | 10/100/1000 Mbps (RJ45) | | **USB** | 4 | 2 x USB 3.0, 2 x USB 2.0 | | **Serial/COM** | 2 | 1 x RS-232, 1 x RS-232/422/485 | | **Video Out** | 1 | HDMI (Secondary display support) | | **Expansion** | 2 | 1 x M.2 (Key E), 1 x M.2 (Key B) | ### 4. Power Circuitry The device uses a wide-range DC input to accommodate various industrial power supplies. * **Input Voltage:** 12V to 24V DC. * **Power Consumption:** Typically around 30W - 40W depending on load. * **Protection:** Includes over-voltage and over-current protection circuits. --- ### 5. Storage Options The system utilizes solid-state technology to ensure vibration resistance. ```json { "Storage_Support": { "Primary": "1 x M.2 (Key M, 2242/2280) SATA/PCIe", "Secondary": "Optional 2.5 inch SATA Bay", "External": "Micro SD Slot" } } ``` ---
    ✨ Follow-up Questions
    • ⤷ Does the PPC-312-RJ60A support Windows 11 IoT?
    • ⤷ What are the mounting options for this specific panel PC?
    • ⤷ Can the RAM be upgraded to dual-channel configuration?