Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPC-6121-R8IAO

  • AI
    The **PPC-6121-R8IAO** is a high-performance industrial panel PC designed for automation, human-machine interface (HMI), and IoT applications. It is built on a modular architecture that combines a high-definition touch display with a powerful embedded computer system. --- ### Core Electronic Specifications The internal hardware is centered around the Intel 8th/9th Generation Core processor family, providing significant computational power for industrial tasks. | Component | Specification Details | | :--- | :--- | | **Processor (CPU)** | Intel® 8th/9th Gen Core™ i7/i5/i3, Pentium® or Celeron® LGA1151 socket | | **Chipset** | Intel® H310C Chipset | | **Memory (RAM)** | 2 x 260-pin DDR4 2400/2666MHz SO-DIMM (Up to 64GB) | | **Display Panel** | 12.1" TFT LCD (1024 x 768 resolution) | | **Touchscreen** | Projected Capacitive (P-CAP) or 5-wire Resistive touch | | **Expansion Slots** | 1 x PCIe x4 slot (Gen 3) or 1 x PCI slot | --- ### Connectivity and I/O Interface The electronic board features a variety of industrial-grade connectors designed for rugged environments: * **Ethernet:** 2 x Intel® GbE controllers (10/100/1000 Mbps) for redundant networking. * **USB Ports:** 4 x USB 3.0 ports for high-speed data transfer. * **Serial Communication:** 2 x RS-232/422/485 ports (BIOS selectable) for legacy PLC and sensor connections. * **Video Output:** 1 x DP and 1 x HDMI for dual independent display setups. * **Audio:** Realtek ALC888S High Definition Audio with internal speakers. --- ### Power and Environmental Protection The electronics are engineered to withstand the fluctuations and noise common in factory floors. 1. **Power Input:** Wide-range 9~36V DC input with a lockable terminal block to prevent accidental disconnection. 2. **Thermal Management:** Features a fanless design (depending on CPU TDP) or optimized heat-pipe cooling to ensure stability under 100% CPU load. 3. **Circuit Protection:** Built-in Over-Voltage Protection (OVP) and Over-Current Protection (OCP). 4. **Ingress Protection:** The front panel is rated **IP65**, protecting the electronics from dust and water jets. --- ### Storage Options The system supports multiple internal electronic storage interfaces: * **2.5" SATA III Bay:** For high-capacity HDDs or SSDs. * **M.2 Key M:** Supports NVMe SSDs for ultra-fast boot times and data logging.
    ✨ Follow-up Questions
    • ⤷What are the power consumption requirements for the i7 configuration?
    • ⤷ Does this model support Windows 11 and Linux distributions?
    • ⤷ How do I configure the RS-232/422/485 settings in the BIOS?