Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-A7H1N-R

  • AI
    The **PPD-A7H1N-R** is a specific type of **DC-DC Converter module**, typically categorized as a Point-of-Load (POL) power supply. These components are designed to convert a higher DC input voltage into a regulated, lower DC output voltage suitable for sensitive electronic components like microprocessors, FPGAs, or DSPs. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the PPD-A7H1N-R series: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage Range** | 18V to 36V DC | Standard wide-range input | | **Output Voltage** | 5V / 12V / 15V (Model specific) | Regulated output | | **Power Rating** | ~1.5W to 7W | Depending on the specific sub-variant | | **Package Type** | Through-hole / DIP | Standard PCB mounting | | **Isolation** | Isolated | Provides electrical separation between input/output | --- ### 2. Functional Electronic Sections To understand the electronic "parts" within this module, it can be broken down into three functional blocks: #### A. Input Filtering and Protection * **Capacitor Bank:** Smooths the incoming DC voltage to prevent ripple from affecting the internal switching. * **Protection Circuitry:** Often includes an undervoltage lockout (UVLO) to prevent the device from operating when the input power is too low. #### B. The Power Stage (Switching Regulator) * **PWM Controller:** An integrated circuit (IC) that controls the switching frequency and pulse width to maintain a steady output. * **Power MOSFETs:** High-speed electronic switches that chop the DC input into a square wave. * **Transformer/Inductor:** Stores and transfers energy through electromagnetic induction, also providing the "Isolating" barrier. #### C. Output Rectification and Regulation * **Schottky Diodes:** Rectifies the high-frequency AC from the transformer back into DC. * **Output Filter:** An LC (Inductor-Capacitor) filter that removes high-frequency noise, ensuring a clean DC output. * **Feedback Loop:** An optocoupler or sensing circuit sends a signal back to the controller to adjust for load changes. --- ### 3. Common Applications * **Industrial Automation:** Powering sensors and PLCs from a 24V rail. * **Telecommunications:** Converting backplane power to board-level logic voltages. * **Medical Equipment:** Utilizing the isolation feature for safety and noise reduction. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output current rating for the PPD-A7H1N-R?
    • ⤷ How does 'Isolation' in this module protect other electronic parts?
    • ⤷ Are there surface-mount (SMD) equivalents to this part?