Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-B1H1N-R

  • AI
    ## Analysis of the PPD-B1H1N-R The **PPD-B1H1N-R** is a specific electronic component primarily associated with **Pressure Sensors** (specifically pressure switches) manufactured by **Copals Electronics** (now part of Nidec Components). These devices are designed for precision monitoring of air pressure in industrial and semiconductor equipment. ### 1. Key Technical Specifications The alphanumeric code provides specific details regarding the sensor's performance and physical interface: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Pressure Switch | Electronic solid-state switch with analog output. | | **Pressure Range** | 0 to 1.0 MPa | Designed for positive high-pressure applications. | | **Rated Voltage** | 12 – 24 VDC | Standard industrial DC power supply range. | | **Output Signal** | NPN Open Collector | Common interface for PLC and logic controller inputs. | | **Analog Output** | 1 to 5 V | Provides a linear voltage output proportional to pressure. | | **Fitting Size** | R 1/8 | Tapered pipe thread (Japanese standard/PT). | --- ### 2. Internal Electronic Architecture The device functions through several integrated electronic stages: 1. **Sensing Element:** Usually a diffused silicon piezoresistive diaphragm. As pressure deforms the diaphragm, the resistance change is converted into a voltage signal. 2. **Signal Conditioning:** Internal operational amplifiers (Op-Amps) amplify the weak signal from the diaphragm and compensate for temperature fluctuations. 3. **Comparator/Switching Logic:** A potentiometer or digital circuit allows the user to set a "threshold." When the pressure hits this point, the NPN transistor switches. 4. **Output Stage:** * **Switching:** NPN Open Collector (sinking current). * **Linear:** 1–5V DC analog output for continuous monitoring. --- ### 3. Wiring Configuration The PPD series typically utilizes a standard 4-wire color-coding system: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | Vcc (+) | Power supply (12-24V DC). | | **Blue** | GND (-) | Common ground. | | **Black** | SW Output | NPN Open Collector switch output. | | **White** | Analog Out | 1 to 5V linear pressure signal. | --- ### 4. Application Use-Cases * **Semiconductor Manufacturing:** Monitoring gas lines for vacuum or positive pressure. * **Pneumatic Systems:** Ensuring consistent air pressure for robotic actuators. * **Leak Testing:** Detecting small drops in pressure over time via the analog output. * **Industrial Automation:** Direct interface with PLCs (Programmable Logic Controllers) for safety shutdowns.
    ✨ Follow-up Questions
    • ⤷ How do I wire an NPN open collector output to a PLC?
    • ⤷ What is the difference between the R 1/8 and NPT 1/8 thread types for this sensor?
    • ⤷ Can this sensor be used for liquid pressure
    • ⤷ or is it air-only?