Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-B4H3R-R

  • AI
    The **PPD-B4H3R-R** is a specific part number typically associated with high-performance **Brushless DC (BLDC) Fans**, often used in industrial equipment, servers, or cooling systems. While part numbering conventions can vary by manufacturer (such as Nidec or Sanyo Denki), this model generally falls into the category of high-reliability thermal management components. --- ### 1. Key Technical Specifications Based on the standard architecture for this class of electronic parts, the specifications are typically as follows: | Feature | Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | Typically 12V or 24V DC (Check label for exact) | | **Bearing Type** | Dual Ball Bearing (indicated by "B" in many codes) | | **Speed Control** | PWM (Pulse Width Modulation) or Tachometer output | | **Housing Material** | Thermoplastic (PBT) UL94V-0 rated | | **Termination** | Lead wires or specialized connector | --- ### 2. Breakdown of Internal Electronic Components The "electronics" inside the PPD-B4H3R-R are located on a small circular PCB housed within the fan hub. #### A. The Drive IC (Controller) The heart of the fan is an integrated circuit (IC) that manages the commutation of the motor. It performs the following: * **Hall Effect Sensing:** Detects the position of the permanent magnet rotor to time the switching of the coils. * **Phase Switching:** Alternates current through the stator windings to maintain rotation. #### B. Protection Circuitry Industrial fans like the B4H3R series include protective electronic features: * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the coils from burning out. * **Auto-Restart:** Periodically attempts to restart the fan once an obstruction is cleared. * **Reverse Polarity Protection:** Usually includes a diode to prevent damage if the positive and negative wires are swapped. #### C. Signal Outputs (The "R-R" Suffix) In many naming conventions, the "R" suffix refers to specific signal types: * **RD Signal (Rotation Detector):** An "Alarm" signal that stays low when the fan is spinning and goes high (or vice-versa) if the fan stops. * **FG Signal (Frequency Generator):** A tachometer output that sends a square wave pulse proportional to the fan's RPM. --- ### 3. Application Use Cases Due to its robust construction (Dual Ball Bearings and specialized ICs), this part is used in: 1. **Server Racks:** Where 24/7 operation is required. 2. **Industrial Power Supplies:** To cool high-wattage MOSFETs and Transformers. 3. **Telecommunications:** High static pressure cooling for dense enclosures. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage and current rating for the PPD-B4H3R-R?
    • ⤷ Does this fan model support PWM speed control or only a tachometer output?
    • ⤷ How do I interpret the wire color coding for the RD/FG signals on this part?