Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-D1M3N-R

  • AI
    The **PPD-D1M3N-R** is a specific part number typically associated with an **Industrial Proximity Sensor**, commonly used in automation and manufacturing machinery. These sensors are designed to detect the presence of objects without physical contact. --- ### Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Sensing Type** | Inductive (detects metallic objects) | | **Output Type** | NPN (Negative-Positive-Negative) | | **Output Mode** | Normally Open (NO) | | **Voltage Range** | Typically 10-30V DC | | **Connection Type** | M12 Connector (indicated by the "M" in the suffix) | | **Body Material** | Nickel-plated brass or Stainless steel | --- ### Core Electronic Components The internal circuitry of a PPD-D1M3N-R consists of several critical stages: #### 1. The Oscillator (LC Circuit) The front end of the sensor contains a coil and a capacitor forming an LC resonant circuit. This creates a high-frequency electromagnetic field that radiates from the sensing face. When a metal object enters this field, **Eddy Currents** are induced in the object, drawing energy from the oscillator and reducing the amplitude of the oscillations. #### 2. The Trigger Circuit (Schmitt Trigger) This component monitors the amplitude of the oscillations. Once the amplitude drops below a predefined threshold (because a metal object is near), the Schmitt Trigger changes its output state. This provides a "snap action" to prevent flickering when an object is at the edge of the sensing range. #### 3. The Output Stage (NPN Transistor) As an **NPN** device, the internal transistor acts as a switch to the negative rail (Ground/0V). * **When activated:** The load is connected to the negative side of the power supply. * **Wiring:** Usually follows the standard Brown (+V), Blue (0V), and Black (Output/Signal) color code. --- ### Wiring Configuration Diagram For an NPN Normally Open (NO) sensor like this one, the logic follows this structure: ```text [ + VDC ] ----------- (Brown Wire) | [ LOAD ] | [ Signal ] ----------- (Black Wire) --- [ NPN Switch ] --- (Blue Wire) --- [ 0V / GND ] ``` ### Key Application Notes * **Shielded vs. Unshielded:** Depending on the physical housing, it may be "Flush" mountable (shielded) or "Non-flush" (unshielded). * **Protection:** Most sensors in this category include reverse polarity protection and short-circuit protection to prevent damage during installation. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum sensing distance for the PPD-D1M3N-R?
    • ⤷ Can this sensor detect non-metallic objects like plastic or glass?
    • ⤷ What are the primary differences between NPN and PNP output types in these sensors?