Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-D1M3R-R/Q

  • AI
    The **PPD-D1M3R-R/Q** refers to a high-performance **Step Motor Driver** module, typically manufactured by companies like **Nippon Pulse Motor**. These drivers are designed for precision control in automation and medical equipment. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Input Voltage** | 24V DC to 36V DC (Typical) | | **Output Current** | 1.0A to 3.0A per phase (Adjustable) | | **Driver Type** | Bipolar Constant Current Chopper | | **Microstepping** | Full step, Half step, up to 1/16 or higher (depending on Q-variant) | | **Control Logic** | Pulse (Step) and Direction (Dir) | | **Interface** | Optically isolated inputs | --- ### 2. Electronic Components & Features #### A. Power Stage (H-Bridge) The module utilizes a **Bipolar H-Bridge** configuration, usually consisting of MOSFETs. This allows the driver to reverse the current flow through the motor coils, which is necessary for driving 4-wire or 6-wire stepper motors effectively. #### B. PWM Chopper Control To maintain high torque at high speeds, the driver uses **Pulse Width Modulation (PWM)**. It "chops" the voltage to maintain a constant current (Constant Current Drive), preventing the motor from overheating while ensuring maximum efficiency. #### C. Optical Isolation The logic inputs (Pulse, Direction, Enable) are **opto-isolated**. This protects the micro-controller or PLC from high-voltage spikes and electrical noise generated by the motor side of the circuit. #### D. Protection Circuitry The "R/Q" variants often include integrated protection features: * **Over-current protection:** Prevents damage if the motor phase shorts. * **Over-voltage protection:** Shuts down if the supply voltage exceeds safe limits. * **Thermal shutdown:** Disables output if the internal temperature rises too high. --- ### 3. Pinout and Connection Logic | Pin Category | Description | |:---|:---| | **Power (Vcc/GND)** | Connection to the DC Power Supply. | | **Motor (A+/A-/B+/B-)** | Connections to the two phases of the stepper motor. | | **CW / PUL** | Clockwise pulse or Step signal. | | **CCW / DIR** | Counter-clockwise pulse or Direction signal. | | **FREE / EN** | Enable/Disable pin to release the motor holding torque. | --- ### 4. Implementation Code Example (Basic Pulse) To control this driver using a microcontroller like an Arduino, you would typically use a simple digital pulse logic: ```cpp // Basic Stepper Control for PPD Driver const int stepPin = 3; const int dirPin = 4; void setup() { pinMode(stepPin, OUTPUT); pinMode(dirPin, OUTPUT); } void loop() { digitalWrite(dirPin, HIGH); // Set Direction for(int x = 0; x < 200; x++) { digitalWrite(stepPin, HIGH); delayMicroseconds(500); // Speed control digitalWrite(stepPin, LOW); delayMicroseconds(500); } delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dip-switch settings for microstepping on this driver?
    • ⤷ How do I calculate the heat dissipation requirements for a 3A load?
    • ⤷ Can this driver be used with 3-phase stepper motors or only 2-phase?