Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-D4H3N-R

  • AI
    The **PPD-D4H3N-R** is a specific part number typically associated with high-performance **Pressure Sensors** or **Pressure Switches**, often utilized in industrial automation, pneumatic systems, and semiconductor manufacturing equipment. --- ### 1. Component Overview This component is designed to monitor gas or liquid pressure and convert those physical readings into electronic signals (analog or digital) to trigger system actions. ### 2. Technical Specifications Below are the typical electronic and mechanical characteristics of the PPD series: | Feature | Description | | :--- | :--- | | **Type** | Digital Pressure Switch / Sensor | | **Pressure Range** | Usually High Pressure (e.g., -0.1 to 1.0 MPa) | | **Output Type** | NPN or PNP Open Collector (model dependent) | | **Power Supply** | 12 to 24V DC | | **Response Time** | High speed (often < 2.5ms) | | **Connection Type** | M8 4-pin connector or integrated cable | | **Display** | Integrated LED/LCD for real-time monitoring | --- ### 3. Electronic Architecture The internal electronics of the PPD-D4H3N-R consist of several critical stages: #### A. Sensing Element Uses a **Piezoresistive Strain Gauge** or a capacitive ceramic element. When pressure is applied, the resistance changes proportionally. #### B. Signal Conditioning (ASIC) The raw millivolt signal from the sensor is sent to an internal **Application-Specific Integrated Circuit (ASIC)**. This chip performs: * **Temperature Compensation:** Ensures accuracy across varying environmental temperatures. * **Amplification:** Boosts the weak signal to a usable voltage level. #### C. Control and Logic The onboard microcontroller allows the user to set "Switching Points." If the pressure exceeds a threshold, the electronic switch (NPN/PNP) closes or opens. #### D. Output Circuitry * **Digital Switching:** Used for "Go/No-Go" logic in PLC systems. * **Analog Output (Optional):** Some variants provide a 1-5V or 4-20mA signal for continuous monitoring. --- ### 4. Wiring and Pinout (Typical) Most sensors in this category follow a standardized 4-wire color code: 1. **Brown (L+):** Positive Power Supply (12-24V). 2. **White:** Secondary Output or Control Input. 3. **Blue (L-):** Negative/Ground (0V). 4. **Black:** Main Switching Output (NPN/PNP). --- ### 5. Common Applications * **Pneumatic Monitoring:** Detecting leaks in air lines. * **Suction Verification:** Confirming a vacuum part-picker has successfully grabbed a component. * **Process Control:** Ensuring gas pressure remains within safe limits in chemical or semiconductor tools.
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range for the 'D4' variant of this sensor?
    • ⤷ How do I configure the NPN output for a PLC input?
    • ⤷ What are the mounting requirements for the PPD-D4H3N-R in a pneumatic system?