Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-H1N1R-R

  • AI
    The **PPD-H1N1R-R** is a high-performance, shielded RJ45 connector commonly used in industrial networking and telecommunications. This specific part number is typically associated with the **Link-PP** brand (or similar manufacturers like Pulse Electronics), specializing in integrated magnetic modules. --- ## 1. Core Component Breakdown The PPD-H1N1R-R is not just a plastic jack; it is an **Integrated Connector Module (ICM)**. This means the electronic components required for Ethernet communication are built directly into the metal housing. | Component | Function | | :--- | :--- | | **Isolation Transformer** | Protects the circuit from high-voltage surges and static electricity. | | **Common Mode Choke** | Filters out electromagnetic interference (EMI) and noise. | | **LED Indicators** | Provides visual status for Link (connection) and Activity (data flow). | | **Shielded Housing** | Metal outer shell that grounds the connection to prevent signal leakage. | --- ## 2. Technical Specifications Below are the primary electronic and physical characteristics of the device: ### Electrical Characteristics * **Speed:** 10/100/1000 Base-T (Gigabit Ethernet) support. * **Turns Ratio:** Usually 1:1 for both transmit and receive paths. * **Dielectric Withstanding Voltage:** Typically rated for 1500V AC (Isolation). * **OCL (Open Circuit Inductance):** Minimum 350µH with 8mA DC bias. ### Physical Design * **Orientation:** Right Angle (90 degrees), Through-hole mounting. * **Shielding:** Copper alloy with nickel plating. * **Contact Plating:** Gold plating (usually 6u" to 50u") to prevent oxidation and ensure conductivity. --- ## 3. Internal Schematic Logic The "H1N1" designation in the part number often refers to a specific internal wiring schematic. While variations exist, the internal logic generally follows this flow: ```mermaid graph LR A[RJ45 Port] --> B[Transformer/Magnetics] B --> C[Common Mode Choke] C --> D[PCB Pins/PHY Chip] E[LED Anode/Cathode] --> F[External Status Monitoring] ``` 1. **Magnetics:** Decouples the PHY (Physical Layer) chip from the cable to prevent ground loops. 2. **Termination:** Uses "Bob Smith" termination (75-ohm resistors) to reduce common-mode reflections. --- ## 4. Typical Applications * **Industrial PCs:** Used in harsh environments requiring EMI shielding. * **Network Switches:** High-density port layouts. * **IoT Gateways:** Compact design with integrated magnetics saves PCB real estate. * **Set-top Boxes:** Reliable data transmission for streaming.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the LEDs in the PPD-H1N1R-R?
    • ⤷ How does 'Bob Smith Termination' inside this connector improve signal integrity?
    • ⤷ Can this part be used for Power over Ethernet (PoE) applications?