Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-H1P3R-R/

  • AI
    The **PPD-H1P3R-R** is a specific type of industrial pressure switch/sensor commonly used in automotive manufacturing, particularly in robotic painting and coating applications. This part is part of the **PPD (Paint Pressure Detection)** series, often associated with brands like **Parker** or specialized pneumatic suppliers. Below is an explanation of its electronic components and specifications. --- ### 1. Technical Specifications The electronics are designed to convert physical fluid pressure into an electrical signal that a PLC (Programmable Logic Controller) can interpret. | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 12V to 24V DC | | **Output Type** | NPN or PNP Open Collector (transistor-based) | | **Pressure Range** | High Pressure (H series) - often up to 1.0 MPa or higher | | **Connection Type** | M12 Circular Connector (usually 4-pin) | | **Enclosure Rating** | IP65 or IP67 (Dust/Water resistant) | --- ### 2. Core Electronic Components The device functions through a series of internal electronic stages: * **Pressure Transducer (Strain Gauge):** The "heart" of the part. It consists of a diaphragm with a Wheatstone bridge circuit. As paint/fluid pressure deforms the diaphragm, the resistance changes, creating a micro-voltage signal. * **Signal Conditioner:** An internal Operational Amplifier (Op-Amp) that cleans and boosts the weak signal from the transducer to a usable level. * **Comparator/Logic Circuit:** This allows the user to set a "threshold." When the pressure hits a specific point, the circuit flips the output state (from OFF to ON). * **LED Indicators:** Most units feature an integrated LED (Red/Green) on the housing to provide a visual electronic status of the pressure switch state. --- ### 3. Wiring Diagram (Typical) Most R-series sensors follow a standard industrial color code for their internal electronic leads: ```yaml Pin 1 (Brown): V+ (24V DC Power) Pin 2 (White): Analogue Output or NC (Normally Closed) Pin 3 (Blue): 0V (Ground) Pin 4 (Black): Digital Output (Control Signal) ``` --- ### 4. Application Context The **"R"** in the suffix often denotes specific resistance or robotic-cable compatibility, meaning the internal wiring and electronic shielding are designed to withstand high-frequency movement and electromagnetic interference (EMI) from robot motors.
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range supported by the H1P3R-R model?
    • ⤷ How do you calibrate the set-point on this electronic pressure switch?
    • ⤷ What are the common failure modes for the transducer in paint applications?