Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-H4A3N-R

  • AI
    The **PPD-H4A3N-R** is a specific part number typically associated with high-performance **Switching Power Supplies** (AC/DC Converters), often used in industrial automation, telecommunications, or medical equipment. Below is a breakdown of the electronic characteristics and technical specifications generally associated with this series of power modules. --- ### 1. Key Technical Specifications The following table summarizes the typical electrical parameters for the PPD-H series: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage** | 85V AC to 264V AC (Universal) or 120V to 370V DC | | **Output Voltage** | 24V DC (Common for this specific suffix) | | **Cooling Method** | Convection or Forced Air (depending on load) | | **Efficiency** | >85% (at full load) | | **Protection** | Overvoltage, Overcurrent, Short-circuit protection | | **Operating Temp** | -10°C to +70°C (with derating) | --- ### 2. Core Electronic Components The internal circuitry of the PPD-H4A3N-R consists of several critical stages: 1. **EMI Filter Stage:** * **Components:** X/Y Capacitors and Common Mode Chokes. * **Function:** Suppresses electromagnetic interference both from the power line and generated by the switching circuit. 2. **Rectification and PFC:** * **Components:** Bridge Rectifier and Power Factor Correction (PFC) controller. * **Function:** Converts AC to a high-voltage DC bus while ensuring the current waveform matches the voltage waveform to improve efficiency. 3. **High-Frequency Inverter (Switching):** * **Components:** Power MOSFETs and a PWM (Pulse Width Modulation) Controller. * **Function:** Chops the DC voltage into high-frequency pulses to be stepped down via a transformer. 4. **Secondary Rectification & Filtering:** * **Components:** Schottky Diodes and Low-ESR Electrolytic Capacitors. * **Function:** Rectifies the high-frequency AC back to stable DC and smooths out the ripple. --- ### 3. Physical & Design Features * **Form Factor:** Usually an enclosed or open-frame metal chassis designed for DIN-rail mounting or internal panel integration. * **Terminals:** Screw-type terminal blocks for secure electrical connections in high-vibration environments. * **Isolation:** High dielectric strength (usually 3kV AC or higher) between input and output to ensure user safety. --- ### 4. Implementation Example If you are integrating this into a system, the wiring logic follows standard industrial safety: ```cpp // Logic for Monitoring Power Supply Status (Conceptual) void monitorPower() { float voltage = readAnalogPin(SENSE_PIN); if (voltage < 23.5) { triggerAlarm("Low Output Voltage"); } else if (voltage > 24.5) { triggerAlarm("Overvoltage Detected"); } } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the PPD-H4A3N-R?
    • ⤷ How does the derating curve affect performance at high temperatures?
    • ⤷ What are the compatible DIN-rail mounting accessories for this model?