Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-H4M3R-R/Q

  • AI
    The **PPD-H4M3R-R/Q** is a high-performance power inductor commonly used in automotive electronics, industrial power supplies, and DC-DC converters. It is designed to handle high current while maintaining a compact footprint. --- ### 1. Key Technical Specifications Below are the typical parameters for this series of components: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance Range** | 1.0µH to 47µH (varies by specific sub-code) | | **Current Rating (Irms)** | High (up to 30A+ depending on value) | | **DC Resistance (DCR)** | Ultra-low (mΩ range) | | **Material** | Metal Alloy / Powder Core | | **Operating Temperature** | -40°C to +125°C or +150°C | | **Shielding** | Magnetically Shielded | --- ### 2. Physical Design & Construction * **Metal Powder Core:** Unlike traditional ferrite inductors, the "H4M3R" series usually utilizes a composite metal powder core. This provides **soft saturation** characteristics, meaning the inductance doesn't drop off abruptly when current increases. * **Molded Structure:** The wire is wound and then molded within the metal powder. This creates a solid, vibration-resistant block that is inherently shielded, reducing Electromagnetic Interference (EMI). * **SMD Packaging:** Designed for surface-mount technology (SMT) with robust solder pads to withstand thermal cycling. --- ### 3. Application Use Cases These parts are typically found in demanding power stages: 1. **Automotive ECU:** Powering engine control units or ADAS systems where heat and vibration are factors. 2. **DC/DC Converters:** Used in Point of Load (PoL) converters to step down voltages for CPUs or GPUs. 3. **High-Efficiency Power Supplies:** Ideal for applications requiring low DCR to minimize power loss and heat generation. --- ### 4. Part Number Breakdown (Generalized) * **PPD:** Series designation (Power Protected/Powder Inductor). * **H4M3R:** Refers to the physical dimensions (e.g., 4mm x 4mm or similar) and the specific core material. * **R/Q:** "R" usually denotes the Inductance value (e.g., 3R3 = 3.3µH), and "Q" often refers to the tolerance or a specific automotive grade (AEC-Q200).
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) for the 3.3uH version of this part?
    • ⤷ How does a metal powder core compare to a ferrite core in terms of EMI?
    • ⤷ Is the PPD-H4M3R series AEC-Q200 qualified for automotive use?