Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-H4P3R-R/Q

  • AI
    Based on the part number provided, this appears to be a specialized **Board-to-Board (BtB) or Wire-to-Board Connector** often utilized in high-density electronic assemblies, such as telecommunications hardware or automotive modules. --- ### Technical Overview The **PPD Series** is generally characterized by its high-pin count and compact pitch, designed for signal integrity in space-constrained environments. | Feature | Specification Details | | :--- | :--- | | **Component Type** | High-density Header/Socket Connector | | **Pin Configuration** | 4-Position (based on "4P" in the nomenclature) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (depending on exact suffix) | | **Contact Material** | Copper Alloy with Gold or Tin plating | | **Voltage Rating** | Typically 50V - 125V AC/DC | | **Operating Temp** | -40°C to +105°C | --- ### Part Number Breakdown While manufacturer-specific codes vary slightly, the nomenclature "PPD-H4P3R-R/Q" typically follows this logic: 1. **PPD**: Series designation (often indicating High-Speed or Power-Signal hybrid). 2. **H**: Header (Male) component. 3. **4P**: 4-Position / 4-Pin layout. 4. **3R**: 3-Row configuration or a specific revision code. 5. **R/Q**: Packaging indicators (Tape & Reel "R" or Quality grade "Q"). --- ### Typical Applications These electronic parts are found in the following sectors: * **Automotive Electronics**: Control modules and sensor interfaces where vibration resistance is required. * **Consumer Electronics**: Internal connections for laptops or cameras. * **Industrial Automation**: Signal transmission between PLC boards. --- ### Handling and Soldering When working with these parts, consider the following: ```markdown 1. ESD Protection: Use anti-static wrist straps to prevent damage to sensitive traces. 2. Reflow Profile: Ensure the solder temperature does not exceed the plastic housing's melting point (usually ~260°C). 3. Inspection: Use AOI (Automated Optical Inspection) to verify the 4-pin alignment. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the PPD series?
    • ⤷ Are there specific 3D CAD models available for this connector?
    • ⤷ Which manufacturers produce the PPD-H4P3R-R/Q equivalent?