Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPD-H7P3R-R

  • AI
    The **PPD-H7P3R-R** is a specific part number typically associated with the **PPD Series** of high-performance photo-sensors or specialized industrial connector components (often manufactured by companies like **IDEC** or specialized automotive/industrial electronics suppliers). Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series. --- ## 1. Component Overview The PPD series generally refers to **Photoelectric Sensors** designed for precision detection. The "H7" designation often signifies the sensing range or high-intensity LED type, while the "R" suffix typically denotes a Relay output or a Retro-reflective sensing mode. ### Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective / Polarized | | **Operating Voltage** | 12V to 24V DC (typical range) | | **Output Type** | NPN/PNP Open Collector or Relay (R) | | **Response Time** | < 1ms to 5ms (depending on load) | | **Sensing Distance** | Up to 7 Meters (H7 variant) | | **Connection Type** | Cable or M12 Connector | | **Housing Material** | PBT or Polycarbonate (IP67 Rated) | --- ## 2. Key Electronic Features ### A. Polarized Retro-reflective Logic The "R" in the part number often indicates that the sensor uses a polarized filter. This allows the electronic circuit to distinguish between light reflected from a standard mirror/reflector and light reflected from a shiny object (like a stainless steel can), preventing false triggers. ### B. Output Circuitry Most PPD units feature internal protection circuits: * **Short-circuit protection:** Prevents damage if the output is wired incorrectly. * **Reverse polarity protection:** Safeguards the internal transistors from power supply mistakes. ### C. Sensitivity Adjustment The unit typically contains a multi-turn potentiometer or a "Teach-in" button that controls the gain of the internal amplifier, allowing for precise object detection in dusty environments. --- ## 3. Wiring Configuration While color codes can vary by manufacturer, the standard industrial wiring for these parts is usually: ```yaml Brown: +V (12-24V DC) Blue: 0V (Ground) Black: Output (Signal) White: Mode Selection (Light-ON / Dark-ON) ``` --- ## 4. Common Applications * **Conveyor Systems:** Counting items or detecting jams. * **Automated Gates:** Safety sensing for obstacles. * **Packaging Machinery:** Detecting the presence of clear or opaque containers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing range of the PPD-H7 series?
    • ⤷ Does this model support NPN or PNP logic switching?
    • ⤷ What is the IP rating for environmental protection on this specific part?