Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PPHDMI2020G-R40-R

  • AI
    The part number **PPHDMI2020G-R40-R** typically refers to a high-performance HDMI connector or a specific protective component designed for high-speed digital interfaces. Based on industry naming conventions, this part belongs to the category of **Surface Mount Technology (SMT)** connectors used in high-definition video applications. ### 1. Component Overview This component is an **HDMI Type A (Standard)** female receptacle. It is engineered for durability and signal integrity, often used in consumer electronics like laptops, monitors, and gaming consoles. --- ### 2. Key Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | HDMI 2.0 / 2.1 Compatible | | **Mounting Type** | Surface Mount (SMT) with Through-Hole Shell Tabs | | **Number of Pins** | 19 Pins | | **Pitch** | 0.50mm | | **Current Rating** | 0.5A Min per contact | | **Voltage Rating** | 40V AC (RMS) | | **Shielding** | Full Metal Shield (Copper Alloy / Stainless Steel) | --- ### 3. Structural Design Features * **Shell Plating (R40):** The "R40" suffix often denotes specific plating or reel packaging. Usually, the shell is Nickel-plated to provide corrosion resistance and EMI (Electromagnetic Interference) shielding. * **Contact Material:** High-conductivity Copper Alloy with Gold plating (usually 15u" or 30u") on the contact area to prevent oxidation and ensure low contact resistance. * **Durability:** Rated for approximately 10,000 mating cycles. * **Orientation:** Horizontal, right-angle mounting is standard for this series to save vertical space on the PCB. --- ### 4. Typical Application Circuit When integrating this part into a circuit, it is crucial to manage the high-speed differential pairs (TMDS). ```markdown [HDMI Controller/GPU] <---> [ESD Protection Array] <---> [PPHDMI2020G-R40-R] | (Low Capacitance TVS) ``` **Design Considerations:** 1. **Impedance Matching:** Ensure the differential pair traces on the PCB maintain a **100Ω differential impedance**. 2. **ESD Protection:** High-speed data lines are sensitive; always place TVS diodes close to the connector pins. 3. **Grounding:** The outer shell should be connected to the chassis ground or a dedicated EMI ground plane. ---
    ✨ Follow-up Questions
    • ⤷ What is the recommended footprint for soldering this HDMI connector?
    • ⤷ Does this part support HDMI 2.1 bandwidths up to 48Gbps?
    • ⤷ What are the common failure modes for SMT HDMI ports?