Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PR2-RSP3-LDP-24DC

  • AI
    The **PR2-RSP3-LDP-24DC** is a specific industrial relay module manufactured by Phoenix Contact. It is a pre-assembled unit designed for DIN rail mounting, consisting of a relay base and a plug-in miniature relay. --- ### 1. Technical Specifications The part number indicates several key electrical characteristics. Below is a breakdown of its technical profile: | Feature | Specification | | :--- | :--- | | **Input Voltage (Coil)** | 24 V DC | | **Contact Configuration** | 3 PDT (3 Changeover contacts / Triple Pole Double Throw) | | **Switching Current (Max)** | 6 A per contact | | **Connection Method** | Push-in (Spring) connection | | **Status Display** | Yellow LED (indicates coil activation) | | **Protective Circuit** | Damping diode (freewheeling diode) to prevent voltage spikes | --- ### 2. Breakdown of the Model Name Understanding the nomenclature helps identify the physical and electrical components: * **PR2:** Refers to the series/housing type (Standard industrial relay base). * **RSP3:** Indicates **R**elay with **S**pring-cage (Push-in) terminals and **3** PDT contacts. * **LDP:** Represents the integrated **L**ED and **D**amping **P**olarity protection (freewheeling diode). * **24DC:** Specifies the nominal input/control voltage of **24 Volts Direct Current**. --- ### 3. Key Electronic Components & Functions Inside the module, several critical electronic parts work together to ensure safe switching: 1. **Electromagnetic Coil:** When 24V DC is applied, it creates a magnetic field to pull the mechanical armature and switch the contacts. 2. **Freewheeling Diode (Damping):** Crucial for DC circuits. When the power to the coil is cut, the collapsing magnetic field creates a reverse voltage spike. This diode suppresses that spike to protect external PLCs or controllers. 3. **LED Indicator:** Provides visual feedback to maintenance staff to confirm the control signal is reaching the relay. 4. **Silver Nickel (AgNi) Contacts:** The internal contact material is usually AgNi, chosen for its balance between electrical conductivity and resistance to contact welding/erosion. --- ### 4. Typical Applications * **Galvanic Isolation:** Separating sensitive low-power control circuits (like a PLC) from high-power load circuits. * **Signal Multiplication:** Using one input signal to switch three independent output circuits simultaneously. * **Interfacing:** Adapting different voltage levels between control systems and field devices (e.g., using 24V DC to switch a 230V AC motor starter).
    ✨ Follow-up Questions
    • ⤷ How do I replace the plug-in relay without changing the entire base unit?
    • ⤷ What is the maximum switching frequency for this specific model?
    • ⤷ Can I use this relay for AC loads even though the coil is 24V DC?