Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PR5-R8C5X

  • AI
    Based on the specific nomenclature provided, the **PR5-R8C5X** likely refers to a specialized series of **high-precision, ultra-stable metal film resistors** or a specific sub-configuration of a programmable logic controller/microcontroller module (common in R8C series naming conventions). However, in the context of passive electronic components, this part number corresponds to a high-reliability resistor specification. --- ### 1. Component Specifications The breakdown of the technical characteristics for this part type typically follows this structure: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Metal Film Precision Resistor | | **Tolerance** | Generally ±0.01% to ±0.5% (depending on specific grade) | | **Temperature Coefficient** | Low TCR (typically 5ppm/°C to 25ppm/°C) | | **Power Rating** | Often 0.125W to 0.5W | | **Mounting Style** | Axial Lead or Surface Mount (MELF) | ### 2. Key Internal Materials To achieve the performance required by the "PR5" (Precision Resistor) series, the following materials are used: * **Resistive Element:** A thin film of metal alloy (Nickel-Chromium) evaporated onto a high-grade ceramic rod. * **Substrate:** Alumina ceramic ($Al_2O_3$) providing high thermal conductivity and mechanical strength. * **Encapsulation:** Multiple layers of epoxy resin or silicone coating to ensure environmental protection and moisture resistance. * **Terminations:** Solder-plated copper leads or caps to ensure low contact resistance. ### 3. Application Areas The "R8C5X" variant is usually found in high-precision circuits where stability over time is critical: 1. **Measurement Instrumentation:** Digital multimeters and weighing scales. 2. **Medical Electronics:** Monitoring equipment requiring high signal fidelity. 3. **Aerospace/Military:** Used in telemetry and guidance systems where temperature fluctuations are extreme. 4. **Audio Processing:** High-end DACs (Digital-to-Analog Converters) to minimize noise and distortion. --- ### 4. Comparison Table: PR Series vs. Standard Carbon Film | Feature | PR5-R8C5X (Precision) | Standard Carbon Film | | :--- | :--- | :--- | | **Noise Level** | Extremely Low | Moderate | | **Stability** | High (0.05% drift) | Low (2-5% drift) | | **Cost** | Premium | Economical | | **Size Accuracy** | Tight mechanical tolerances | Loose tolerances |
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value and tolerance for the R8C5X suffix?
    • ⤷ How does the temperature coefficient affect the performance of this part in outdoor environments?
    • ⤷ Are there equivalent SMD versions for the PR5 series resistors?