Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PRCP-RX72

  • AI
    The **PRCP-RX72** is a specific model of **Resettable Polymeric Positive Temperature Coefficient (PPTC) Device**, commonly referred to as a "resettable fuse." These components are used for overcurrent protection in electronic circuits. --- ## 1. Technical Specifications The PRCP-RX72 series is designed for through-hole mounting and is typically used in applications requiring higher voltage ratings (up to 72V). | Parameter | Description | | :--- | :--- | | **Max Voltage ($V_{max}$)** | 72V (DC or AC) | | **Holding Current ($I_{hold}$)** | The maximum current the device can carry without tripping. | | **Tripping Current ($I_{trip}$)** | The minimum current at which the device is guaranteed to trip. | | **Response Time** | Faster than standard fuses, but slower than electronic limiters. | | **Package Type** | Radial Leaded (Through-hole). | --- ## 2. Operating Principle The PRCP-RX72 functions based on its internal polymer structure: 1. **Normal State:** The conductive particles in the polymer form a low-resistance path, allowing current to flow freely. 2. **Fault State (Overcurrent):** When excess current flows, the device heats up via Joule heating. This causes the polymer to expand, breaking the conductive paths. 3. **Tripped State:** The resistance increases exponentially, reducing the current to a safe leakage level. 4. **Reset:** Once the fault is cleared and the power is cycled or the device cools down, the polymer contracts, and the device returns to a low-resistance state. --- ## 3. Key Applications Because of its 72V rating, the PRCP-RX72 is frequently found in: * **Industrial Controls:** Protecting sensors and actuators. * **Security Systems:** Protecting alarm panels and power supplies. * **Telecom Equipment:** Guarding against power surges on lines. * **Transformers:** Protecting primary or secondary windings from shorts. --- ## 4. Comparison: PPTC vs. Traditional Fuse | Feature | PRCP-RX72 (PPTC) | Standard Wire Fuse | | :--- | :--- | :--- | | **Resetability** | Resettable (Multi-use) | Single-use (Must be replaced) | | **Resistance** | Moderate | Very Low | | **Failure Mode** | High resistance state | Open circuit | | **Maintenance** | Low (Automatic reset) | High (Manual replacement) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific holding current ratings available for the PRCP-RX72 series?
    • ⤷ How does ambient temperature affect the performance of a PPTC fuse?
    • ⤷ What is the typical time-to-trip for a 72V resettable fuse under a 5x overload?