Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PRU-23-R

  • AI
    The **PRU-23-R** is an Electronic Component primarily classified as a **Relay Unit** or **Power Relay**, typically utilized in industrial automation, HVAC systems, or specialized electronic control boards. Below is an explanation of its electronic components and functional characteristics. --- ### 1. Key Technical Specifications The PRU-23-R is designed to act as an interface between low-power control signals and high-power electrical loads. | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Power Relay Unit / Interface Relay | | **Contact Configuration** | SPDT (Single Pole Double Throw) or DPDT | | **Coil Voltage** | Usually 24V DC or 110/220V AC (model specific) | | **Contact Rating** | High Current (e.g., 5A to 10A at 250VAC) | | **Mounting** | DIN Rail or PCB Mount | | **Indicator** | Integrated LED Status Light | --- ### 2. Internal Electronic Parts The unit consists of several critical sub-components that work together to provide isolation and switching: #### A. The Electromagnetic Coil The heart of the PRU-23-R is a copper wire coil wrapped around an iron core. When energized, it creates a magnetic field that pulls the mechanical armature. #### B. Contact Assembly * **Stationary Contacts:** Fixed points connected to the output terminals. * **Movable Armature:** A spring-loaded metal piece that moves between contacts. * **Material:** Usually silver-tin oxide ($AgSnO_2$) or silver-nickel to prevent welding and minimize electrical arcing. #### C. Protection Circuitry * **Flyback Diode (Freewheeling Diode):** Placed across the DC coil to suppress voltage spikes when the coil is de-energized. * **Varistor (MOV):** Often included to protect the device from transient overvoltages (surges). #### D. Visual Diagnostics * **LED Indicator:** A small Light Emitting Diode wired in parallel with the coil circuit to indicate when the relay is active. --- ### 3. Functional Logic The PRU-23-R serves two main electronic purposes: 1. **Galvanic Isolation:** It electrically separates the control circuit (low voltage) from the load circuit (high voltage). 2. **Signal Amplification:** It allows a tiny current (from a PLC or Microcontroller) to switch a very large current (motors, heaters, or lights). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the PRU-23-R?
    • ⤷ How does the 'R' suffix in the model number affect its environmental rating?
    • ⤷ What is the maximum switching frequency for this relay unit?