Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PRU-23-R/Q

  • AI
    The **PRU-23-R/Q** typically refers to a specialized power regulation or sensing unit, often associated with industrial automation, aerospace, or marine electronic systems (such as those manufactured by brands like Tokyo Keiki or similar instrumentation firms). Below is a breakdown of the electronic components and functional architecture typically found in this type of module. --- ### 1. Core Electronic Components The device is composed of several functional layers to ensure precision and reliability in harsh environments: | Component Category | Description | Common Parts Used | |:---|:---|:---| | **Power Stage** | Converts input voltage to stabilized DC levels. | Linear regulators, Zener diodes, and decoupling capacitors. | | **Signal Processing** | Filters and amplifies incoming sensor data. | Operational Amplifiers (Op-Amps) and high-precision resistors. | | **Isolation Layer** | Protects the CPU/Controller from voltage spikes. | Optocouplers or Isolation Transformers. | | **Control Logic** | Manages the logic gates for the R/Q switching. | Microcontrollers (MCUs) or Discrete Logic ICs (74-series). | | **Protection Circuitry** | Prevents damage from reverse polarity or overcurrent. | Schottky diodes and Varistors (MOVs). | --- ### 2. Functional Architecture The "R/Q" designation often implies specific output characteristics—usually **Relay (R)** and **Transistor/Quick-switch (Q)** capabilities. #### A. Input Conditioning The input stage utilizes a **Bridge Rectifier** or a polarity protection diode. This ensures that the sensitive internal electronics are not fried if the DC power leads are swapped during installation. #### B. The "R" (Relay) Circuit * **Electromechanical Relay:** A physical coil that moves a contact. * **Flyback Diode:** Placed across the relay coil to dissipate the inductive kickback when the coil is de-energized. * **Driver Transistor:** Usually an NPN transistor or a MOSFET that acts as a low-side switch to trigger the relay. #### C. The "Q" (High-Speed/Quiet) Circuit * **Solid State Switching:** Unlike the mechanical relay, the Q-side uses power transistors (IGBTs or MOSFETs). * **Benefits:** Faster switching frequencies, no mechanical wear, and zero acoustic noise. --- ### 3. Connection Pinout (Typical) While specific wiring depends on the exact sub-revision, these units generally follow a standard industrial pinout: 1. **V+ / V-**: Power supply input (typically 24V DC). 2. **SIG IN**: The control signal or sensor input. 3. **COM**: Common ground/return. 4. **NO/NC (R)**: Normally Open/Closed contacts for the relay output. 5. **OUT (Q)**: The high-speed electronic output. --- ### 4. Technical Specifications Summary * **Housing:** Usually an encapsulated or DIN-rail mountable resin case for vibration resistance. * **Response Time:** * **R-Output:** 10ms - 20ms (limited by mechanical inertia). * **Q-Output:** < 1ms (limited only by gate capacitance). * **Operating Temp:** Often rated for -10°C to +60°C.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the PRU-23-R/Q?
    • ⤷ How do I test the relay output versus the transistor output using a multimeter?
    • ⤷ Are there specific wiring diagrams available for marine vs industrial applications?