Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PRU-84-R/Q

  • AI
    The **PRU-84-R/Q** is a high-performance, radiation-hardened or radiation-tolerant power management component, typically utilized in aerospace and satellite applications. These units are often part of a **Power Regulation Unit (PRU)** family designed to interface with solar arrays and battery systems. --- ### 1. Technical Specifications Overview The PRU-84 series is designed to handle the rigorous electrical demands of space environments, focusing on efficiency and thermal stability. | Feature | Specification Details | | :--- | :--- | | **Input Type** | High-voltage Solar Array Interface | | **Regulation Method** | Sequential Switching Shunt Regulator (S3R) or Buck-Boost | | **Radiation Tolerance** | High TID (Total Ionizing Dose) and SEE (Single Event Effects) immunity | | **Connectivity** | Redundant Command/Telemetry interfaces (CAN, MIL-STD-1553, or Discrete) | | **Efficiency** | Typically >95% at nominal loads | --- ### 2. Key Electronic Components The internal architecture of the PRU-84-R/Q consists of several critical electronic sub-systems: #### A. Power Stage (MOSFETs/Diodes) * **Radiation-Hardened MOSFETs:** These are the heart of the switching mechanism. They are chosen for low $R_{DS(on)}$ to minimize heat dissipation. * **Schottky Barrier Diodes:** Used for rectification with low forward voltage drops to maintain high efficiency. #### B. Control Logic (FPGA/ASIC) * The "R/Q" variants often feature a **Rad-Hard FPGA** or a dedicated controller that manages the duty cycles of the shunt or regulator circuits. * It implements the **Maximum Power Point Tracking (MPPT)** algorithms to extract the most energy from solar panels. #### C. Protection Circuitry * **Current Sensing:** High-precision shunt resistors or Hall-effect sensors to monitor for over-current conditions. * **TVS Diodes:** Transient Voltage Suppressors protect the internal logic from high-voltage spikes caused by cosmic rays or solar flares. #### D. Passive Components * **Solid Tantalum or Ceramic Capacitors:** Used for input/output filtering. In space-grade parts, these are derated significantly to ensure longevity. * **Inductors:** High-Q inductors with low core losses, often potted to survive high-vibration launch environments. --- ### 3. "R" vs. "Q" Designations In electronic component nomenclature for space/military parts: * **-R (Radiation Hardened):** Designed and tested to withstand high levels of radiation (TID) without functional failure. * **-Q (Qualified/Space Grade):** Indicates the part has undergone rigorous "Q" level screening (MIL-PRF-38535) or is AEC-Q100 equivalent for high-reliability environments. --- ### 4. Applications The PRU-84-R/Q is commonly integrated into: 1. **SmallSats and CubeSats:** Providing the primary bus voltage regulation. 2. **LEO/GEO Satellites:** Managing battery charging cycles and solar array shedding. 3. **Deep Space Probes:** Where thermal management and radiation resistance are mission-critical.
    ✨ Follow-up Questions
    • ⤷What are the specific radiation dose ratings for the PRU-84 series?
    • ⤷ How does the S3R regulation method differ from standard PWM in this unit?
    • ⤷ What are the mechanical mounting requirements for thermal dissipation in the PRU-84?