Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PS-HD50-R

  • AI
    The **PS-HD50-R** is a high-density, 50-pin SCSI (Small Computer System Interface) connector, typically belonging to the **Half-Pitch (HP50)** or **Micro-DB50** category. These are commonly used in industrial automation, legacy computing, and high-speed data transmission interfaces. Below is a breakdown of its electronic and physical characteristics. --- ### 1. Technical Specifications The PS-HD50-R is characterized by its compact pin spacing and robust shielding. | Parameter | Specification | | :--- | :--- | | **Pin Count** | 50 Pins | | **Pitch (Spacing)** | 1.27mm (0.050") | | **Connector Type** | High-Density (HD) / Micro-D | | **Gender** | Female (Receptacle) | | **Mounting Style** | Right Angle (R), Through-Hole | | **Shielding** | Metal Shell for EMI/RFI protection | --- ### 2. Key Electronic Components #### A. Contact Material The internal pins are usually made of a **Copper Alloy** with **Gold Plating** on the contact area. This ensures: * Low contact resistance. * Prevention of oxidation over long periods. * High durability for multiple mating cycles. #### B. Insulator Body The housing is typically made of **PBT (Polybutylene Terephthalate)** or similar high-temperature thermoplastic (UL 94V-0 rated). This provides: * High dielectric strength (preventing short circuits between pins). * Heat resistance during the soldering process. #### C. EMI/RFI Shielding The "-R" variant often features a metal shroud (Nickel-plated steel or Tin). This acts as a Faraday cage to protect data signals from high-frequency interference, which is critical in industrial environments. --- ### 3. Pinout and Signal Application While the connector is physical hardware, it is electronically configured for the **SCSI-2** standard. * **Differential Signaling:** Pins are arranged to support paired signals (Data+ and Data-) to cancel out noise. * **Termination:** In electronic circuits, these connectors often interface with active terminators to prevent signal reflection at the end of the bus. * **Current Rating:** Usually rated for **1A per contact**, making it suitable for signal transmission rather than power delivery. --- ### 4. Common Applications 1. **Industrial PLC Modules:** Used for I/O expansion. 2. **Legacy Storage:** Connecting external hard drives or tape backups. 3. **Data Acquisition (DAQ):** High-speed sensor data transmission. 4. **Medical Equipment:** Interfacing imaging sensors with processing units.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer speed supported by this connector type?
    • ⤷ How does the 'Right Angle' mounting affect PCB layout compared to straight mounting?
    • ⤷ Are there specific soldering temperature requirements for the PS-HD50-R?