PS-RPC
AI

### Electronic Components of PS-RPC (Power Supply - Resistive Plate Chamber)
A **Resistive Plate Chamber (RPC)** is a particle detector that uses a high-voltage gas gap to detect ionizing particles. The "PS-RPC" generally refers to the **Power Supply** and the associated **Readout Electronics** required to operate these chambers.
---
### 1. High Voltage (HV) Power Supply System
The most critical electronic component for an RPC is the high-voltage system, as the chamber operates in either "Avalanche" or "Streamer" mode, requiring high electric fields.
| Component | Function | Typical Specifications |
| :--- | :--- | :--- |
| **HV Generator** | Provides the primary DC potential to the resistive plates. | 9 kV to 12 kV (Gas dependent) |
| **Voltage Divider** | Distributes voltage equally across multiple gaps in multi-gap RPCs (MRPCs). | High-precision resistor chain |
| **Current Monitor** | Monitors "Dark Current" to detect gas contamination or aging. | Nano-ampere (nA) sensitivity |
| **Filtering Circuit** | Removes AC ripples and noise from the HV line to prevent false triggers. | RC Low-pass filters |
---
### 2. Front-End Electronics (FEE)
The FEE is responsible for processing the very small induced charges (pico-Coulombs) from the pick-up electrodes.
* **Preamplifier:** Boosts the weak signal induced by the electron avalanche.
* **Discriminator:** Converts the analog signal into a digital pulse (LVDS or TTL) if it exceeds a set threshold.
* **Time-to-Digital Converter (TDC):** Measures the exact time the particle hit the detector with picosecond resolution.
---
### 3. Data Acquisition (DAQ) and Control
These components manage the flow of information from the detector to the storage servers.
1. **FPGA (Field Programmable Gate Array):** Acts as the "brain," handling trigger logic, data compression, and communication.
2. **LV Power Supply:** Provides low voltage (typically 1.2V to 5V) to the FEE and FPGAs.
3. **Communication Interface:** Usually Gigabit Ethernet or Optical Fibers to transfer high volumes of event data.
---
### 4. Basic Signal Path Code Example
In modern digital RPC systems, the signal is often processed via a simple logic gate or FPGA trigger. Below is a conceptual representation of a trigger logic in Verilog:
```verilog
module rpc_trigger_logic (
input wire clk,
input wire [7:0] strip_signals, // Signals from 8 RPC strips
output reg trigger_out
);
always @(posedge clk) begin
// If any strip detects a particle above threshold
if (strip_signals != 8'b00000000) begin
trigger_out <= 1'b1;
end else begin
trigger_out <= 1'b0;
end
end
endmodule
```
---
### Summary of Operating Modes
| Feature | Avalanche Mode | Streamer Mode |
| :--- | :--- | :--- |
| **HV Level** | Lower | Higher |
| **Charge Produced** | Small (~pC) | Large (~nC) |
| **Electronic Complexity** | High (Needs high-gain amps) | Low (Simple discriminators) |
| **Rate Capability** | High | Low |
- ⤷What is the role of the resistive plates in preventing spark discharge?
- ⤷ How does an MRPC differ from a standard RPC in terms of electronics?
- ⤷ What gas mixtures are typically used in PS-RPC systems?