Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PS125-R33M

  • AI
    The **PS125-R33M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It is designed to handle high saturation currents while maintaining a low profile. --- ### 1. Key Technical Specifications The part number follows a standard nomenclature for power inductors. Below are the primary electronic characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | Nominal inductance value at 100kHz. | | **Tolerance** | ±20% (M) | The "M" suffix indicates a 20% tolerance range. | | **DC Resistance (DCR)** | ~0.8 to 1.2 mΩ | Very low resistance to minimize power loss. | | **Saturation Current (Isat)** | ~25A - 35A | The current at which inductance drops by 20-30%. | | **RMS Current (Irms)** | ~20A - 28A | The continuous current allowed based on temperature rise. | | **Dimensions** | 12.5 x 12.5 x 5.0 mm | Standard "125" series footprint (Square). | --- ### 2. Component Composition The PS125-R33M is built using specific materials to ensure performance under high-frequency switching: * **Core Material:** Typically a **Carbonyl Iron Powder** or **Metal Alloy**. This provides "soft saturation" characteristics, meaning the inductance decreases gradually rather than dropping abruptly when current increases. * **Winding:** Uses heavy-gauge copper wire to achieve the extremely low DC Resistance (DCR) required for high-efficiency power supplies. * **Shielding:** It is a **shielded inductor**. The magnetic field is contained within the body, reducing Electromagnetic Interference (EMI) with surrounding components on the PCB. --- ### 3. Common Applications Due to its low inductance (0.33µH) and high current capability, this part is ideal for: 1. **Voltage Regulator Modules (VRMs):** Found on motherboards and server cards to power CPUs/GPUs. 2. **Point of Load (POL) Converters:** High-efficiency buck converters that step down voltage locally. 3. **Distributed Power Systems:** Used in telecommunications and industrial computing. --- ### 4. Circuit Symbol and Footprint ```text (L1) ----((((---- <- Inductor Symbol 0.33uH [ SMD Pad ] [ SMD Pad ] (12.5mm x 12.5mm) ```
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or alternatives to the PS125 series?
    • ⤷ How does the 'soft saturation' of this inductor benefit a buck converter?
    • ⤷ What is the maximum operating temperature for the PS125-R33M?