Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PS2-0-6000-R

  • AI
    The **PS2-0-6000-R** is a high-performance, ultra-broadband 2-way resistive power splitter (or power divider) typically used in RF and microwave applications. It is designed for signal distribution across an extremely wide frequency range. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Type** | Resistive Power Splitter (2-Way) | | **Frequency Range** | DC to 6000 MHz (6 GHz) | | **Impedance** | 50 Ohms | | **Insertion Loss** | 6 dB (nominal) | | **Power Rating** | 1 Watt (as a divider) | | **Connector Type** | SMA Female (Standard) | | **Amplitude Balance** | ± 0.5 dB (typical) | | **Phase Balance** | ± 5° (typical) | --- ### 2. Electronic Architecture As a **resistive** splitter, the internal circuitry differs significantly from reactive (Wilkinson) splitters: * **Resistive Network:** It utilizes a network of precision resistors to split the signal. Because it does not rely on quarter-wave transformers, it can operate down to **DC (0 Hz)**. * **Broadband Performance:** The main advantage is the "flat" response across a massive bandwidth (0 to 6 GHz). * **Insertion Loss Note:** Unlike reactive splitters (which have a theoretical 3 dB loss), resistive splitters have a theoretical **6 dB loss** because half the power is dissipated in the internal resistors to maintain impedance matching at all ports. --- ### 3. Common Applications Due to its wide frequency coverage and DC capability, this part is used in: 1. **Test & Measurement:** Distributing signals from a signal generator to multiple measurement devices (Spectrum Analyzers, Oscilloscopes). 2. **Laboratory Research:** Used in setups where frequencies vary from low MHz to high GHz. 3. **Communication Systems:** Signal monitoring and sampling in wideband telecommunication infrastructure. --- ### 4. Comparison: Resistive vs. Reactive Splitters | Feature | Resistive (PS2-0-6000-R) | Reactive (Wilkinson) | | :--- | :--- | :--- | | **Frequency Range** | Extremely Wide (DC included) | Narrower (Usually octave bands) | | **Insertion Loss** | Higher (6 dB) | Lower (3.5 - 4 dB) | | **Isolation** | Moderate | High | | **Phase Symmetry** | Excellent | Varies with frequency |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' suffix and other variants of this part?
    • ⤷ Can this component be used as a power combiner
    • ⤷ and what are the limitations?
    • ⤷ What are the mechanical dimensions and mounting options for this unit?