Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PS5022-2

  • AI
    The **PS5022-2** is a specialized electronic component, most commonly identified as a **High-Side Power Switch** or a **Power Distribution Switch**, often manufactured by companies like Prolific Technology or utilized in specific industrial power modules. Below is a breakdown of its technical characteristics and internal parts. --- ### 1. General Specifications The PS5022-2 is designed to manage the distribution of power in electronic circuits, providing protection and controlled switching. | Feature | Description | | :--- | :--- | | **Component Type** | Dual-Channel High-Side Power Switch | | **Input Voltage Range** | Typically 2.7V to 5.5V | | **Current Limit** | Approximately 1.0A to 1.5A per channel | | **Package Type** | Often SOP-8 or MSOP-8 | | **On-Resistance ($R_{DS(on)}$)** | Low resistance (approx. 100-120 mΩ) to minimize power loss | --- ### 2. Internal Electronic Architecture The "electronic parts" inside the PS5022-2 integrated circuit include several functional blocks: #### A. Power MOSFETs The core of the device consists of two internal **P-channel MOSFETs**. These act as the actual switches that allow or block current flow from the input to the output. #### B. Charge Pump / Gate Driver Even though it is a high-side switch, internal circuitry manages the gate voltage of the MOSFETs to ensure they turn on and off efficiently, reducing heat generation. #### C. Protection Circuitry The PS5022-2 contains several safety sub-systems: * **Over-Current Protection (OCP):** Limits the current if a short circuit occurs. * **Thermal Shutdown:** A temperature sensor that turns the chip off if it exceeds safe operating limits (usually around 150°C). * **Under-Voltage Lockout (UVLO):** Ensures the chip doesn't operate if the input voltage is too low to drive the MOSFETs correctly. --- ### 3. Pin Configuration For a standard SOP-8 package, the functional layout is typically as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **GND** | Ground reference | | 2, 3 | **IN** | Input Voltage (Power Source) | | 4 | **EN** | Enable signal (turns the switch on/off) | | 5 | **FLG** | Fault Flag (Output signal to MCU if an error occurs) | | 6, 7 | **OUT** | Output Voltage (To the load/device) | | 8 | **NC** | No Connection | --- ### 4. Common Applications Due to its ability to handle USB-level voltages and currents, it is frequently used in: * **USB Hubs:** To protect the host computer from faulty USB peripherals. * **Laptops/PCs:** To manage power to external ports. * **Hot-swap Systems:** Allowing components to be plugged in without sparking or voltage drops. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PS5022-2 and a standard mechanical relay?
    • ⤷ How does the 'Fault Flag' pin communicate with a microcontroller?
    • ⤷ What is the typical maximum operating temperature for this component?