Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PSB1275-R82M

  • AI
    The **PSB1275-R82M** is a high-current, shielded power inductor typically used in DC-DC converter applications. It belongs to a class of surface-mount (SMD) components designed for high-frequency power electronics. ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (often related to brands like ITG Electronics or similar magnetic component specialists). | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.82 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Package/Size Code** | 1275 (Approx. 13.5 x 12.5 x 8.0 mm) | | **DCR (Direct Current Resistance)** | Very low (typically < 2.0 mΩ) | | **Saturation Current ($I_{sat}$)** | High (typically 30A - 50A range) | | **Shielding** | Magnetic Shielded (low EMI) | --- ### 2. Key Internal Components The construction of the PSB1275-R82M is focused on efficiency and thermal management: * **Core Material:** Usually made of a **Carbonyl Powder** or **Composite Metal Alloy**. Unlike traditional ferrite cores, these materials offer "soft saturation" characteristics, meaning the inductance doesn't drop off instantly when current increases. * **Winding:** Uses heavy-gauge copper wire (often flat wire) to minimize the **Skin Effect** and reduce **DCR**, which prevents the component from overheating during high current loads. * **Molding:** The inductor is typically "molded," where the magnetic powder is pressed around the coil. This eliminates acoustic noise (coil whine) and provides superior protection against vibration. --- ### 3. Application Use Cases This specific inductor is designed for high-power density environments: 1. **Voltage Regulator Modules (VRMs):** Found on high-end motherboards and GPU power phases. 2. **Point of Load (POL) Converters:** Used to step down voltages for FPGAs and ASICs. 3. **Battery Powered Systems:** Where high efficiency is required to extend battery life. 4. **Automotive Electronics:** Used in infotainment or ADAS systems due to its robust thermal profile. --- ### 4. Interpretation of Part Number | Segment | Meaning | | :--- | :--- | | **PSB** | Series identifier (High Current Molded Inductor) | | **1275** | Physical dimensions ($12 \times 12 \times 7.5$ or $8.0$ mm) | | **R82** | Inductance value ($0.82 \text{ \mu H}$) | | **M** | Tolerance ($\pm 20\%$) |
    ✨ Follow-up Questions
    • ⤷What is the difference between soft saturation and hard saturation in inductors?
    • ⤷ How does flat-wire winding improve the performance of the PSB1275?
    • ⤷ What are the thermal limits for this type of molded power inductor?