Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PSCSSOO3A

  • AI
    Based on the part number provided, **PSCSS003A** refers to a specialized power supply module, often associated with industrial automation systems or telecommunications infrastructure (specifically components used in Rectifier or UPS systems). Below is a breakdown of its electronic characteristics and functional components. --- ## 1. Technical Specifications Overview This module is typically designed to convert AC power to a regulated DC output or manage power distribution within a rack system. | Feature | Description | | :--- | :--- | | **Component Type** | Power Supply / Rectifier Control Module | | **Input Voltage** | AC 100V - 240V (Typical) | | **Output Type** | DC (Low voltage, high stability) | | **Form Factor** | Hot-swappable plug-in module | | **Cooling** | Forced air (Internal fan or system airflow) | --- ## 2. Key Internal Electronic Parts The PSCSS003A consists of several critical electronic sub-systems to ensure power efficiency and safety: ### A. Power Conversion Stage * **Transformer:** High-frequency ferrite core transformer for galvanic isolation between the input AC and output DC. * **MOSFETs/IGBTs:** Switching transistors used in the PWM (Pulse Width Modulation) circuit to regulate voltage efficiently. ### B. Input Protection & Filtering * **MOV (Metal Oxide Varistor):** Protects the circuit from high-voltage surges or lightning strikes. * **EMI Filter:** Chokes and capacitors designed to prevent electromagnetic interference from leaking back into the power grid. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. ### C. Control & Monitoring * **Microcontroller (MCU):** An onboard chip that monitors voltage levels, temperature, and load status. It communicates with the master system via a bus (like CAN or RS485). * **Optocouplers:** Used to provide feedback from the output side back to the control side while maintaining electrical isolation. --- ## 3. Connectivity and Interface The physical interface of the PSCSS003A is designed for industrial durability: 1. **Backplane Connector:** A multi-pin "gold finger" or high-density connector that transmits power and data signals simultaneously. 2. **LED Indicators:** Usually located on the front panel to indicate: * **Green:** Normal Operation. * **Yellow:** Warning/Current Limit. * **Red:** Fault/Failure. --- ## 4. Common Applications * **Telecom Base Stations:** Providing stable 48V DC power to radio equipment. * **Data Centers:** Serving as a redundant power brick in server racks. * **Industrial Automation:** Powering PLC (Programmable Logic Controller) banks. ---
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage rating for the PSCSS003A?
    • ⤷ Which communication protocol does this module use for system monitoring?
    • ⤷ Is this module compatible with standard 19-inch rack systems?