Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PSCSSOOOO

  • AI
    It appears you are referring to the **PSP (PlayStation Portable)** series (specifically the 1000, 2000, or 3000 models), as "PSCSSOOOO" is a common typo for **PSP-3000**. Below is a breakdown of the core electronic components found within these handheld consoles, focusing on the hardware architecture. --- ### Core Electronic Components | Component | Function | Details | | :--- | :--- | :--- | | **Main Processor (CPU)** | System Brain | MIPS R4000-based core; clocked from 1 to 333 MHz. | | **GPU** | Graphics Rendering | Surface Engine & Rendering Engine with 2MB of embedded VRAM. | | **RAM** | System Memory | 32MB (PSP-1000) or 64MB (PSP-2000/3000/Go). | | **Storage (NAND)** | Firmware Flash | Internal memory holding the XMB (XrossMediaBar) OS. | | **LCD Screen** | Visual Output | 4.3" TFT display (480 × 272 pixels). The 3000 model features an anti-glare screen. | | **Wi-Fi Module** | Wireless Connectivity | 802.11b standard for multiplayer and internet browsing. | --- ### Specific Sub-Systems #### 1. Power Management The PSP uses a dedicated Power Management IC (PMIC) to handle charging the Lithium-Ion battery and distributing specific voltages (1.8V, 2.5V, 3.3V, 5V) to various chips on the motherboard. #### 2. UMD Drive (Universal Media Disc) A mechanical/electronic hybrid component consisting of: * **Optical Laser Pickup:** Reads data from the proprietary Sony discs. * **Spindle Motor:** Spins the disc at high speeds. * **Actuator:** Moves the laser assembly back and forth. #### 3. Audio & Input * **Audio Codec:** Converts digital game sounds into analog signals for the stereo speakers or 3.5mm headphone jack. * **Flex Cables:** Thin, ribbon-like cables that connect the D-pad, face buttons, and analog "nub" to the mainboard. #### 4. The Motherboard (Main PCB) All components are soldered onto a multi-layered Printed Circuit Board. Notable revisions include: * **TA-081/085:** Found in older models; easier to modify via software. * **TA-088v3:** Introduced in the PSP-2000/3000 to prevent the installation of custom firmware (CFW). --- ### Key Differences in PSP-3000 Electronics Compared to earlier models, the PSP-3000 introduced specific hardware changes: 1. **Built-in Microphone:** Added near the volume buttons for Skype and voice chat. 2. **Advanced LCD:** Reduced ghosting effects and increased color gamut, though it introduced slight "interlace" scanlines. 3. **Video Out:** Improved TV-out functionality supporting interlaced displays.
    ✨ Follow-up Questions
    • ⤷ What are the common electronic failure points in a PSP-3000?
    • ⤷ How does the PSP's MIPS architecture compare to modern handhelds?
    • ⤷ Can the internal NAND flash be upgraded or replaced?