Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PSCSSSH3B

  • AI
    The **PSC-SSH3B** is a high-performance safety controller (Safety System Hub) typically used in industrial automation, specifically within the **Panasonic (formerly SUNX)** safety ecosystem. It is designed to manage multiple safety devices while simplifying wiring and monitoring. --- ## 1. Core Electronic Specifications The internal electronics are designed for high reliability and fail-safe operation. | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 24V DC (+10% / -15%) | | **Current Consumption** | Approx. 100mA (excluding load) | | **Safety Category** | SIL3 / PLe (when used with compatible sensors) | | **Response Time** | < 10ms (Electronic switching speed) | | **Input Type** | PNP / NPN (Selectable via wiring) | | **Housing Material** | Polyamide (Flame-retardant) | --- ## 2. Key Electronic Components & Functions ### A. Internal Microcontroller & Logic The unit contains a redundant logic circuit. This means it processes signals through two parallel paths. If the electronic signals from these paths do not match, the controller triggers a safety shutdown to prevent accidents. ### B. Input/Output (I/O) Architecture The PSC-SSH3B acts as a "Hub," meaning its electronic architecture is focused on consolidating signals: * **Sensor Inputs:** Specifically designed to interface with **SF4B** series light curtains or **SG-B1/B2** door switches. * **Safety Outputs:** Solid-state (OSSD) outputs that provide high-speed switching compared to mechanical relays. * **Auxiliary Outputs:** Non-safety transistors used for PLC monitoring or status lamps. ### C. Protection Circuitry The device incorporates several protective electronic layers: * **Short-circuit Protection:** Prevents damage if field wiring is pinched. * **Overvoltage Protection:** Guards internal logic against spikes in the 24V supply. * **Reverse Polarity Protection:** Prevents failure if power leads are connected incorrectly. --- ## 3. Connectivity Interface The PSC-SSH3B utilizes specific connectors to reduce wiring errors: 1. **Quick-Disconnect Terminals:** Allows for rapid replacement without rewiring individual pins. 2. **Cascading Links:** The electronics support serial connection (daisy-chaining) of multiple units while maintaining the safety integrity level (SIL). --- ## 4. Diagnostic Indicators (LEDs) The faceplate contains electronic status indicators that reflect the internal state: * **PWR (Power):** Green LED indicates stable DC input. * **OUT (Output):** Indicates the state of the safety transistors. * **ERR (Error):** Flashing patterns indicate specific electronic faults (e.g., cross-talk, synchronization failure, or ground faults).
    ✨ Follow-up Questions
    • ⤷ How do you wire the PSC-SSH3B to a standard PLC?
    • ⤷ What are the specific error codes indicated by the ERR LED?
    • ⤷ Is this controller compatible with third-party light curtains?