Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PSCSSSSXA

  • AI
    It appears you are referring to the **PSC-SSS-XA**, which is a specialized series of **Infrared (IR) Pyrometers** (non-contact temperature sensors) manufactured by companies like Process Sensors Corp. These devices are industrial-grade electronic sensors designed to measure high temperatures through optical infrared radiation. --- ## 1. Core Electronic Components The PSC-SSS-XA series consists of three main electronic modules working in tandem: | Component | Function | | :--- | :--- | | **Optical Lens & Filter** | Collects infrared energy and filters specific wavelengths (e.g., 1.0 µm or 1.6 µm). | | **IR Detector (Sensor)** | A solid-state photodiode (often InGaAs or Silicon) that converts light energy into a micro-voltage signal. | | **Signal Processing Unit** | A digital microprocessor that linearizes the signal and compensates for ambient temperature. | --- ## 2. Technical Specifications The "XA" designation usually refers to the electronic output capabilities and high-speed processing. * **Output Signals:** Typically 4–20 mA, 0–5/10 V, or Type J/K Thermocouple emulation. * **Digital Interface:** Often features RS485 or USB for software configuration. * **Response Time:** Extremely fast electronic response (as low as 1ms to 5ms). * **Power Supply:** Generally operates on 8-36 VDC. --- ## 3. Wiring and Connectivity The electronics are housed in a stainless steel casing to protect the sensitive circuitry from Electromagnetic Interference (EMI). ```yaml Wiring Configuration (Typical): - Brown: +VCC (Power Supply) - White: Analog Out (Temperature Signal) - Green: Ret/Ground - Yellow/Gray: Digital Communication (TX/RX) ``` --- ## 4. Key Electronic Features ### A. Emissivity Adjustment The electronics allow the user to adjust the **Emissivity (ε)** via an external remote controller or software. This compensates for different material surfaces (e.g., shiny steel vs. dull ceramic). ### B. Peak Hold / Valley Pick The internal processor can be programmed to "hold" the highest temperature detected during a specific cycle, which is useful for moving objects on a conveyor belt. ### C. Signal Attenuation The "XA" variants are often used in "Ratio" or "Two-Color" modes (depending on the specific model) to measure temperature accurately even if the lens is partially obscured by smoke or dust. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific temperature range of the PSC-SSS-XA model you are looking at?
    • ⤷ Do you need the wiring diagram for a specific PLC integration?
    • ⤷ Are you looking for the software configuration steps for this sensor?