Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PSCSSSSXO

  • AI
    It appears you are referring to a **P-Series (or generic) Surface Mount Crystal Oscillator**. Specifically, the acronym sequence often refers to **PSC** (Plastic Surface Mount), **SS** (Standard Specification/Spread Spectrum), and **XO** (Crystal Oscillator). Crystal Oscillators are timing devices that use the mechanical resonance of a vibrating crystal of piezoelectric material to create an electrical signal with a precise frequency. --- ## 1. Core Component Breakdown The structure of an XO usually involves several integrated electronic parts within a single package: | Component | Function | | :--- | :--- | | **Quartz Crystal Blank** | The mechanical resonator that determines the fundamental frequency. | | **Oscillator IC** | An integrated circuit that provides the feedback loop and output buffering. | | **Varactor Diode** | (In VCXOs) Used to pull or tune the frequency by changing capacitance. | | **Bypass Capacitor** | Often integrated inside to filter noise from the power supply ($V_{dd}$). | | **Load Capacitance** | Internal capacitors that ensure the crystal oscillates at the correct frequency. | --- ## 2. Technical Specifications Table When selecting these parts, engineers look at the following electrical characteristics: | Parameter | Common Values | Description | | :--- | :--- | :--- | | **Frequency Range** | 32.768 kHz to 200+ MHz | The speed at which the clock cycles. | | **Supply Voltage ($V_{dd}$)** | 1.8V, 2.5V, 3.3V, 5.0V | The DC power required to operate. | | **Frequency Stability** | ±20ppm to ±100ppm | How much the frequency drifts due to temperature. | | **Output Logic** | CMOS, LVPECL, LVDS | The signal type (Square wave vs. Differential). | | **Phase Jitter** | < 1 ps (picosecond) | The timing uncertainty/noise in the signal. | --- ## 3. Package and Pinout Standard XO packages are usually **SMD (Surface Mount Device)**. ### Typical 4-Pin Configuration: 1. **Pin 1: OE (Output Enable) or NC** – High signal enables output; Low disables it. 2. **Pin 2: GND** – Connected to the system ground. 3. **Pin 3: Output** – The clock signal being sent to the CPU/MCU. 4. **Pin 4: $V_{dd}$** – Power supply input. --- ## 4. Why Use an XO over a simple Crystal? Unlike a standalone crystal (XTAL), an **XO (Crystal Oscillator)** is a "plug-and-play" module. * **Active Device:** It includes its own drive circuitry. * **Reliability:** Since the drive circuit is matched to the crystal by the manufacturer, it is less susceptible to PCB stray capacitance. * **Space:** Saves board space by removing the need for external load capacitors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an XO and a TCXO?
    • ⤷ How do I calculate the load capacitance for a crystal oscillator?
    • ⤷ What are the advantages of LVDS over CMOS output in oscillators?