Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PSG03304..

  • AI
    The **PSG03304** is a specific electronic component generally categorized as a **Surface Mount (SMD) Power Inductor**, often manufactured by brands like *Multicomp Pro*. These components are essential for power management in modern electronic circuits. --- ### 1. Technical Specifications The following table summarizes the key electrical and physical characteristics typically associated with the PSG03304 series: | Property | Typical Value / Description | | :--- | :--- | | **Component Type** | SMD Power Inductor | | **Inductance Range** | Typically 3.3 µH (varies by specific sub-model) | | **Current Rating (Isat)** | High Saturation Current (e.g., 3.0A - 5.0A) | | **DC Resistance (DCR)** | Low (mΩ range) to minimize power loss | | **Operating Temp** | -40°C to +125°C | | **Construction** | Shielded (to reduce EMI) | --- ### 2. Core Functions The PSG03304 serves several critical roles within a Printed Circuit Board (PCB) assembly: * **Energy Storage:** It stores energy in a magnetic field when electric current flows through it, which is vital for DC-DC converters. * **Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency noise/ripple from reaching sensitive components. * **Voltage Regulation:** In switching regulators (Buck or Boost), it helps maintain a steady output voltage despite fluctuations in input or load. --- ### 3. Common Applications Due to its compact size and high efficiency, it is used in: 1. **Consumer Electronics:** Smartphones, tablets, and laptops. 2. **Power Supplies:** DC-DC converter modules. 3. **Embedded Systems:** Powering microcontrollers and FPGAs where "clean" power is required. 4. **Automotive:** Infotainment systems and sensor power management. --- ### 4. Circuit Symbol and Footprint In schematic design software (like Altium, Eagle, or KiCad), the PSG03304 is represented as follows: ```text L1 (PSG03304) ---( ( ( )--- 3.3uH ``` * **Footprint:** It uses an SMD pad layout, requiring reflow soldering. * **Polarity:** Inductors are non-polarized, but orientation may matter in high-precision RF layouts to minimize cross-talk.
    ✨ Follow-up Questions
    • ⤷What is the saturation current (Isat) of the PSG03304?
    • ⤷ How does a shielded inductor like the PSG03304 differ from an unshielded one?
    • ⤷ What are the recommended soldering profiles for this SMD component?