Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PSM63-R33M

  • AI
    The **PSM63-R33M** is an electronic component typically categorized as a **High-Current Power Inductor** (Surface Mount Device - SMD). These components are critical in modern power management systems for stabilizing voltage and filtering noise. --- ### 1. Technical Specifications The part number follows a standardized naming convention in the electronics industry. Below are the typical specifications associated with this model: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Component Size** | 6.3mm x 6.3mm (approximate footprint) | | **Type** | Shielded Power Inductor | | **Mounting Type** | SMD/SMT (Surface Mount) | --- ### 2. Key Electronic Features * **Low DCR (DC Resistance):** Designed to minimize power loss as heat, improving the overall efficiency of the circuit. * **High Saturation Current:** The "R33" (0.33µH) value is often used in high-frequency applications where the inductor must handle high peak currents without losing its inductive properties. * **Magnetic Shielding:** The "PSM" series usually features a shielded construction, which reduces Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Robust Construction:** Built to withstand high-temperature environments, common in automotive or industrial computing. --- ### 3. Common Applications This specific inductor is widely used in **DC-DC Converter** circuits. Its low inductance and high current capability make it ideal for: 1. **Voltage Regulator Modules (VRM):** Used in motherboards and GPUs to step down voltage. 2. **Point of Load (POL) Converters:** Providing precise power to CPUs or FPGAs. 3. **Battery Powered Devices:** High-efficiency power management for mobile electronics. 4. **Automotive Electronics:** Powering infotainment and ADAS sensors. --- ### 4. Circuit Symbol and Placement In a schematic, this part is represented by the standard inductor symbol: ```text L1 ----(UUU)---- 0.33 uH ``` It is typically placed in the output stage of a Buck Converter (Step-down) between the switching node and the output capacitor to smooth the current ripples.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the PSM63 series?
    • ⤷ How does the 'M' suffix affect the performance of the circuit?
    • ⤷ Can this inductor be replaced with a 0.47µH version in a power circuit?