Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PT-C8..

  • AI
    The **PT-C8** typically refers to a standard high-precision **Platinum Resistance Temperature Detector (RTD)** sensor probe or a specific series of **PT100/PT1000** thermal components used in industrial automation. Below is an explanation of the electronic characteristics, construction, and technical specifications of this part. --- ### 1. Fundamental Operating Principle The PT-C8 functions based on the principle of **Resistance Temperature Detectors (RTD)**. The electrical resistance of the platinum element changes linearly with temperature. | Feature | Description | | :--- | :--- | | **Material** | Platinum (Pt) - chosen for its chemical stability and linear resistance-temperature relationship. | | **Base Resistance** | Usually **100Ω (PT100)** or **1000Ω (PT1000)** at 0°C. | | **Temperature Coefficient** | $\alpha = 0.00385$ (Standard European Curve). | --- ### 2. Physical Construction The "C8" designation often refers to the **ceramic (C)** insulation and the physical diameter or lead configuration. * **Sensing Element:** A thin film of platinum deposited onto a ceramic substrate. * **Encapsulation:** Often encased in a stainless steel tube (sheath) to protect against corrosive environments. * **Lead Wire Configuration:** * **2-Wire:** Simple, but prone to lead-wire resistance errors. * **3-Wire:** Most common in industrial PT-C8 units to compensate for wire resistance. * **4-Wire:** Highest precision, used in laboratory settings. --- ### 3. Technical Specifications (Typical) | Parameter | Standard Value | | :--- | :--- | | **Temperature Range** | -200°C to +600°C (depending on lead insulation) | | **Accuracy Class** | Class A ($\pm 0.15°C$) or Class B ($\pm 0.3°C$) | | **Response Time** | Typically $< 10$ seconds in moving water | | **Insulation Resistance** | $> 100M\Omega$ at 500V DC | | **Self-Heating** | $< 0.1°C$ at 1mA current | --- ### 4. Circuit Integration To read the PT-C8, the sensor is usually integrated into a **Wheatstone Bridge** or a specialized RTD-to-Digital converter (like the MAX31865). ```cpp // Logic for Calculating Temperature (Simplified) // R_t = R_0 * (1 + A*t + B*t^2) float calculateTemperature(float measuredResistance) { float R0 = 100.0; // For PT100 // Simplified linear approximation for small ranges return (measuredResistance - R0) / (R0 * 0.00385); } ``` --- ### 5. Common Applications 1. **HVAC Systems:** Monitoring duct temperatures. 2. **Industrial Ovens:** Precise heat control during manufacturing. 3. **Medical Equipment:** Temperature monitoring in laboratory incubators. 4. **Automotive:** Engine oil or coolant temperature sensing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between PT100 and PT1000 versions of this sensor?
    • ⤷ How do you compensate for lead-wire resistance in a 3-wire PT-C8 circuit?
    • ⤷ What are the common failure modes of platinum RTDs?