Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PTPH-1GG-R

  • AI
    ## Overview of the PTPH-1GG-R The **PTPH-1GG-R** is a high-performance **RJ45 MagJack** (Integrated Connector Module). It is designed to provide physical connectivity for Ethernet networking while incorporating the necessary magnetics to handle signal conditioning and isolation. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Connector Type** | RJ45 Integrated Connector Module (ICM) | | **Data Rate Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Port Configuration** | Single Port (1x1), Right Angle | | **Shielding** | Metal Shield with EMI Tabs | | **Internal Magnetics** | Included (Transformers and Chokes) | | **LED Indicators** | Usually Green/Yellow (Bi-color options available) | | **Mounting Type** | Through-Hole (THT) | --- ### 2. Core Electronic Components Inside the PTPH-1GG-R, several critical electronic sub-components work together to ensure data integrity: #### A. Isolation Transformers * **Purpose:** Provides 1500Vrms galvanic isolation between the PHY (Physical Layer) chip and the external network cable. * **Function:** Protects sensitive electronic components from high-voltage surges and static electricity (ESD). #### B. Common Mode Chokes * **Purpose:** Noise suppression. * **Function:** Filters out electromagnetic interference (EMI) that can be picked up by the twisted-pair cables, ensuring "clean" differential signals for high-speed data transmission. #### C. Termination Resistors (Bob Smith Termination) * **Purpose:** Impedance matching. * **Function:** Typically includes 75-ohm resistors linked to high-voltage capacitors to reduce common-mode emissions and prevent signal reflections. #### D. Integrated LEDs * **Function:** Built-in light-emitting diodes provide immediate visual feedback on **Link Status** (solid light) and **Activity** (blinking light). --- ### 3. Applications and Usage The PTPH-1GG-R is commonly found in hardware where PCB space is at a premium and high-speed networking is required: * **Industrial PCs:** For rugged network connections. * **Network Switches/Routers:** As the physical interface for LAN ports. * **Embedded Systems:** Microcontrollers (like STM32 or ESP32 with external PHY) that require Gigabit speeds. * **IoT Gateways:** Ensuring stable internet connectivity in interference-heavy environments. --- ### 4. Advantages of Integrated Magnetics Using an integrated part like the PTPH-1GG-R instead of discrete transformers offers several benefits: 1. **Reduced PCB Footprint:** Saves significant board space by combining the jack and magnetics. 2. **Improved EMI Performance:** The metal shielding is optimized for the internal components. 3. **Simplified Design:** Engineers do not need to manually calculate trace impedances between the jack and a separate transformer.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the PTPH-1GG-R?
    • ⤷ How does the 1500Vrms isolation protect the internal PHY chip?
    • ⤷ What are the recommended soldering temperature profiles for this THT component?