Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PUSB3AB2DF

  • AI
    The **PUSB3AB2DF** is a high-performance **ESD protection diode** (Electrostatic Discharge protection device) specifically designed to protect ultra-high-speed data lines. It is part of Nexperia’s "TrEOS" protection family, which focuses on low capacitance and high robustness. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the PUSB3AB2DF: | Parameter | Value / Description | | :--- | :--- | | **Number of Channels** | 2-channel (protects two lines) | | **Reverse Standoff Voltage ($V_{RWM}$)** | 3.3 V | | **Trigger Voltage ($V_{sb}$)** | 6.0 V | | **Diode Capacitance ($C_d$)** | 0.27 pF (typ) | | **ESD Protection Rating** | ±15 kV (Air), ±8 kV (Contact) | | **Package Type** | DFN0603-3 (SOT8013) | | **Dimensions** | 0.6 x 0.3 x 0.3 mm (Ultra-compact) | --- ### 2. Functional Description The PUSB3AB2DF is designed to solve a critical trade-off in electronics: providing strong protection without distorting high-speed signals. * **Deep Snapback Technology:** When an ESD event occurs, the device "snaps back" to a low clamping voltage. This ensures the sensitive controller chip behind the diode is exposed to minimal voltage stress. * **Ultra-Low Capacitance:** With a capacitance of only **0.27 pF**, it prevents signal degradation (insertion loss). This is vital for data rates exceeding 10 Gbps. * **Bidirectional/Unidirectional:** While typically used for high-speed differential pairs, its internal architecture is optimized for protecting the latest sub-micron system-on-chips (SoCs). --- ### 3. Primary Applications Because of its high-speed performance and tiny footprint, this part is commonly found in: 1. **USB Protection:** USB 3.2 Gen 2 (10 Gbps) and USB4 (up to 40 Gbps) interfaces. 2. **Video Interfaces:** HDMI 2.0/2.1 and DisplayPort 1.4. 3. **Computing:** Laptops, tablets, and smartphones where PCB space is extremely limited. 4. **Peripheral Connections:** Thunderbolt interfaces and high-speed external storage. --- ### 4. Layout Example (Reference) When designing with the PUSB3AB2DF, it is crucial to place the component as close as possible to the connector to minimize parasitic inductance. ```markdown [Connector Side] <-----> [PUSB3AB2DF] <-----> [Internal SoC/Chipset] | [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the snapback voltage feature protect sensitive sub-micron chips?
    • ⤷ What are the footprint differences between DFN0603 and DFN1006 packages?
    • ⤷ Can PUSB3AB2DF be used for automotive applications or is it consumer grade only?