Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PV10P-R010

  • AI
    ## Overview of PV10P-R010 The **PV10P-R010** is a specific model within a series of precision potentiometers (often referred to as trimmer resistors or trimpots). These components are primarily used for fine-tuning electrical circuits to achieve specific voltage or current levels. --- ### Key Technical Specifications | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Precision Trimmer Potentiometer | | **Resistance Value** | 10 Ohms (denoted by "R010") | | **Tolerance** | Typically ±10% to ±20% | | **Power Rating** | Usually 0.5W at 70°C | | **Adjustment Type** | Top Adjustment (Single or Multi-turn) | | **Mounting Type** | Through-hole (PCB) | --- ### Electronic Characteristics #### 1. Resistance Value (10Ω) The "R010" suffix signifies a **10-Ohm** nominal resistance. This is a relatively low resistance value, often used for: * Current sensing calibration. * Bridge balancing in sensitive measurement tools. * Adjusting low-impedance feedback loops. #### 2. Material Composition These parts usually utilize a **Cermet** (Ceramic-Metal) resistive element. Cermet offers superior stability, a low temperature coefficient, and better reliability compared to standard carbon film potentiometers. #### 3. Power Dissipation The device is rated to handle a specific amount of heat (power). Exceeding the 0.5W rating (standard for this series) can lead to a shift in resistance or permanent failure of the component. --- ### Physical and Mechanical Properties * **Pin Configuration:** Typically features three pins. The outer two pins represent the total resistance, while the center pin (wiper) provides the adjustable output. * **Rotation:** Depending on the specific sub-series, it may be a single-turn (fast adjustment) or a multi-turn (high precision) device. * **Sealing:** These components are often "sealed" to withstand wave soldering and board washing processes during manufacturing. --- ### Typical Applications 1. **Industrial Controls:** Setting offset voltages in operational amplifiers. 2. **Power Supplies:** Fine-tuning the output voltage of a DC-DC converter. 3. **Sensors:** Calibrating the zero-point or span of a pressure or temperature sensor. 4. **Audio Equipment:** Adjusting bias currents in amplifier stages.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Cermet and Carbon resistive elements in potentiometers?
    • ⤷ How do I calculate the power dissipation for a 10-ohm trimmer in my circuit?
    • ⤷ Can this specific part be substituted with a 100-ohm version if needed?