Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PV10P-R100

  • AI
    The **PV10P-R100** is a specific model of a precision multi-turn trimmer potentiometer (often called a "trimpot") manufactured by **Murata**. It is an electromechanical component used to adjust resistance within a circuit to tune or calibrate performance. --- ### 1. Technical Specifications The model name follows a specific nomenclature that defines its electrical and physical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 100 Ohms | Indicated by "101" or "R100" | | **Tolerance** | ±10% | Standard precision for industrial use | | **Power Rating** | 0.5 Watts (at 70°C) | Ability to dissipate heat during operation | | **Adjustment Type** | Top Adjustment | Screw head is accessed from the top | | **Number of Turns** | multi-turn (typically 25) | Allows for high-resolution fine-tuning | | **Mounting Type** | Through-hole (PCB) | Standard pins for circuit board insertion | | **Element Material** | Cermet | Ceramic-metal composite for stability | --- ### 2. Internal Construction The PV10 series is built for durability and precision. The "P" in the model name usually refers to the pin configuration (terminal arrangement). * **Wiper Mechanism:** A small metal brush moves along a circular or linear resistive track as the screw is turned. * **Housing:** Usually made of flame-retardant plastic, sealed to withstand soldering heat and cleaning solvents (O-ring sealed). * **Clutch Mechanism:** Most multi-turn pots include an idling clutch at the end of the travel to prevent mechanical damage if turned too far. --- ### 3. Pinout Diagram (Typical) The PV10P typically features a 3-pin triangular or inline layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Terminal 1 | Fixed end of the resistor | | **2** | Wiper | The adjustable contact (variable voltage/resistance) | | **3** | Terminal 2 | Fixed end of the resistor | --- ### 4. Common Applications * **Voltage Dividers:** Setting reference voltages for microcontrollers or op-amps. * **Sensor Calibration:** Zeroing out offsets in temperature or pressure sensors. * **Gain Adjustment:** Controlling the gain of an amplifier circuit. * **Power Supplies:** Fine-tuning the output voltage of a DC-DC converter. --- ### 5. Identification Example When reading the part number `PV10P-R100`: * **PV10**: Series name (Industrial grade 1/4" square). * **P**: Side/Top adjustment style and pin lead shape. * **100**: The resistance value (100 $\Omega$). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a cermet and carbon composition trimpot?
    • ⤷ How do I test a PV10P-R100 using a multimeter?
    • ⤷ Can this component be used in high-vibration environments?