Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PV10WW-R010

  • AI
    ## Overview of the PV10WW-R010 The **PV10WW-R010** belongs to the **PV10 series**, which consists of high-precision, wirewound trimmer potentiometers (variable resistors). These components are designed for fine-tuning resistance values within electronic circuits, commonly used in industrial, medical, and telecommunications equipment. --- ### Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Multiturn Trimmer Potentiometer | | **Element Material** | Wirewound (Ni-Cr alloy) | | **Resistance Value** | 10 Ohms ($R010$) | | **Resistance Tolerance** | ±10% (Standard) | | **Power Rating** | 1.0 Watt at 70°C | | **Adjustment Turns** | 22 Turns (Nominal) | | **Mounting Type** | Through-Hole (PCB) | | **Temperature Coefficient** | ±50 ppm/°C | --- ### Internal Electronic Construction The "Wirewound" nature of this part is its most defining electronic characteristic: 1. **Resistive Element:** Unlike cermet (ceramic/metal) trimmers, this uses a resistive wire wrapped around a core. This provides superior stability and lower noise in specific applications. 2. **The Wiper:** A metal contact moves across the coils of the wire. Because it moves across individual loops, the adjustment happens in very small discrete steps (resolution), though the high turn count makes this feel continuous. 3. **Mechanical Interface:** The "WW" in the part number often refers to the physical orientation (Lead style), typically indicating a top-adjust or side-adjust configuration with specific pin spacing for PCB layouts. --- ### Applications and Use Cases Because of the **10-Ohm** rating (very low resistance) and the **Wirewound** construction, this part is ideal for: * **Current Sensing Calibration:** Fine-tuning current limits in power supplies. * **Bridge Balancing:** Used in sensitive measurement bridges where low temperature drift is critical. * **High Power Stability:** Wirewound elements handle temperature fluctuations better than carbon or cermet equivalents. * **Low-Noise Audio:** Preferred in certain signal paths where "contact noise" must be minimized. --- ### Summary of Benefits * **High Precision:** 22 turns allow for extremely granular control over the 0–10 $\Omega$ range. * **Durability:** Wirewound elements are robust against power surges compared to thin-film alternatives. * **Low Drift:** Excellent thermal stability ensures the resistance value doesn't change as the device heats up.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wirewound and a cermet trimmer potentiometer?
    • ⤷ How do I interpret the 'R010' suffix in other electronic components?
    • ⤷ What are the physical dimensions and pinout for the PV10 series?