Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PV10WW-R100

  • AI
    The **PV10WW-R100** belongs to the family of high-precision trimming potentiometers (trimpots). Specifically, this part number refers to a **multiturn cermet trimmer** typically manufactured by companies like Murata or specialized electronic component vendors. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Technical Specifications The part number "R100" indicates the resistance value, while "PV10" refers to the series and physical form factor. | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 100 Ohms (R100) | | **Tolerance** | ±10% or ±20% (Standard) | | **Power Rating** | 0.5 Watts at 70°C | | **Element Material** | Cermet (Ceramic/Metal composite) | | **Adjustment Type** | Top Adjustment (Multiturn) | | **Number of Turns** | Typically 25 Turns (Nominal) | | **Operating Temperature** | -55°C to +125°C | | **Mounting Type** | Through-hole (PCB) | --- ### 2. Breakdown of the Component Parts The PV10WW-R100 is composed of several critical internal and external parts: * **Cermet Element:** The resistive track is made of a ceramic-metal mix. This provides better stability and a lower temperature coefficient than carbon-based potentiometers. * **Wiper Arm:** A metal contact that moves along the resistive element when the screw is turned. Because it is a "multiturn" device, it uses a lead-screw mechanism to move the wiper slowly, allowing for ultra-fine tuning. * **Lead Screw:** The threaded shaft that converts rotational motion into linear motion for the wiper. * **Terminals (Pins):** Three pins (Input, Output/Wiper, Ground) usually arranged in a staggered or inline "W" (Vertical) or "WW" pattern. * **Clutch Mechanism:** Most PV10 models include an idling mechanical clutch at the end of the travel range to prevent damage if the screw is over-turned. --- ### 3. Pin Configuration and Circuit Usage In a standard 3-pin configuration, the device is used as either a **Voltage Divider** or a **Rheostat**. ```text Pin 1 (Left) ---- [ Fixed Resistance ] ---- Pin 3 (Right) ^ | Pin 2 (Wiper) ``` ### 4. Typical Applications * **Operational Amplifier Offsets:** Adjusting the null point of precision amplifiers. * **Power Supply Calibration:** Setting the exact output voltage (e.g., tuning a 5.05V rail to exactly 5.00V). * **Sensor Calibration:** Matching the bridge resistance in load cells or temperature sensors. * **LCD Contrast Control:** Fine-tuning the bias voltage for industrial displays. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Cermet and a Carbon element in trimpots?
    • ⤷ How do I interpret the 'WW' vs 'W' mounting styles in the PV10 series?
    • ⤷ What are the specific dimensions of the PV10WW-R100 for PCB layout?