Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PVM4A503C01R00

  • AI
    The **PVM4A503C01R00** is a specific surface-mount (SMD) trimmer potentiometer manufactured by **Murata Electronics**. It is designed for fine-tuning resistance in compact electronic circuits. --- ## Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | |:---|:---| | **Resistance Value** | 50 kΩ | | **Tolerance** | ±25% | | **Power Rating** | 0.1 W (1/10 Watt) at 70°C | | **Max Operating Voltage** | 50V DC | | **Temperature Coefficient** | ±250 ppm/°C | | **Rotation Angle** | 270° (Mechanical) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Adjustment Type** | Top Adjustment | --- ## Component Breakdown ### 1. Functionality As a **trimmer potentiometer**, this part acts as a variable resistor. Unlike a volume knob (potentiometer) meant for frequent user interaction, a trimmer is intended for "set and forget" adjustments during the manufacturing or calibration phase of a device. ### 2. Physical Construction * **Carbon Element:** It typically utilizes a carbon film resistive element. * **Open Frame:** The "PVM4" series often features an open-frame design, which reduces cost and weight but makes it less resistant to dust and moisture compared to sealed units. * **Size:** The "4" in the series usually denotes a 4mm size class, making it extremely small for high-density PCB layouts. ### 3. Applications * **LCD Contrast:** Adjusting the brightness or contrast of small display modules. * **Sensor Calibration:** Fine-tuning the threshold of a sensor circuit. * **Signal Leveling:** Matching gain levels in audio or communication circuits. * **Timer Circuits:** Adjusting the RC time constant in oscillators. --- ## Part Number Decoder Murata part numbers follow a specific logic: | Code Segment | Meaning | |:---|:---| | **PVM4A** | Series Identifier (4mm Lead-free SMD Trimmer) | | **503** | Resistance Code (50 + 3 zeros = 50,000 Ω or 50kΩ) | | **C01** | Individual Specification/Mechanical details | | **R00** | Packaging (usually indicates Tape and Reel) | --- ## Design Considerations * **Heat Sensitivity:** Being an SMD component, it must be soldered carefully to avoid damaging the carbon element or the plastic housing. * **Wear Life:** These components are rated for a low number of cycles (typically 10–20 rotations) because they are not meant for continuous adjustment. * **Orientation:** The top-adjust design means the technician must have vertical access to the PCB to make changes.
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to Murata PVM4 series since they are being phased out?
    • ⤷ How do I calculate the power dissipation for this trimmer in a 12V circuit?
    • ⤷ Is there a sealed version of this 50k ohm trimmer for harsh environments?