Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PW10-R100

  • AI
    The **PW10-R100** typically refers to a high-power, wirewound resistor, often used in industrial applications for load testing, motor control, or power supply regulation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The model name generally follows a standardized nomenclature: **PW** (Power Wirewound), **10** (10 Watts), and **R100** (0.100 Ohms). | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Resistor | Power Wirewound technology | | **Power Rating** | 10 Watts | Rated at 25°C or 70°C (depending on brand) | | **Resistance Value** | 0.100 $\Omega$ (R100) | Low resistance for current sensing or shunting | | **Tolerance** | $\pm 5\%$ or $\pm 10\%$ | Typical industrial tolerance (J or K) | | **Core Material** | Ceramic/Steatite | High thermal conductivity core | | **Coating** | Silicone or Cement | Fireproof/High-temperature protection | --- ## 2. Internal Construction As a wirewound resistor, the internal architecture consists of several key parts: ### A. The Resistive Element The "R100" (0.1 $\Omega$) value is achieved by winding a high-grade alloy wire (usually **Nickel-Chrome** or **Copper-Nickel**) around a ceramic core. Because the resistance is very low, the wire used is typically thicker to handle high current without melting. ### B. Thermal Management Since it is rated for **10 Watts**, it is designed to dissipate significant heat. * **Encapsulation:** The resistor is usually encased in a rectangular ceramic boat (cement resistor style) or coated in a specialized silicone resin. * **Leads:** The leads are often made of tinned copper or steel (axial or radial) to ensure a secure solder joint and help conduct some heat away from the body. --- ## 3. Common Applications Due to its low resistance and high power rating, the PW10-R100 is used in specific circuit scenarios: 1. **Current Sensing:** Placed in series with a load; the voltage drop across the 0.1 $\Omega$ resistor is measured to calculate current ($I = V/R$). 2. **Inrush Current Limiting:** Used to protect components during the initial power-on phase of a device. 3. **Braking Resistors:** In small motor controllers to dissipate back-EMF. 4. **Voltage Dividers:** Used in high-power power supply circuits. --- ## 4. Key Considerations for Design * **Derating:** At high ambient temperatures, the 10W rating must be "derated" (e.g., if the ambient temperature is 100°C, the resistor may only safely handle 5W). * **Inductance:** Because it is a coil of wire, it has inherent **parasitic inductance**. It should not be used in high-frequency switching circuits (above a few hundred kHz) unless it is specified as "Non-Inductive" (Ayrton-Perry winding).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for a 10W 0.1 ohm resistor?
    • ⤷ How does the temperature coefficient affect the R100 resistance value?
    • ⤷ What are the differences between cement-encased and silicone-coated power resistors?