Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PWC-2010LF-R-D

  • AI
    The **PWC-2010LF-R-D** is a specific part number for a **Pulse Withstanding Chip Resistor** manufactured by **TT Electronics/Welwyn**. This component is designed to handle high-energy surges and pulses that would typically damage a standard thick-film resistor. --- ### 1. Part Number Breakdown The alphanumeric code provides specific details about the component's construction and tolerances: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **PWC** | Series Name | Pulse Withstanding Chip Resistor | | **2010** | Case Size | 2010 Imperial (5.0mm x 2.5mm) | | **LF** | Termination | Lead-Free (RoHS Compliant) | | **R** | Resistance Value | "R" acts as decimal; e.g., if followed by digits, it defines Ohms. | | **D** | Tolerance | ±0.5% (Precision) | --- ### 2. Key Technical Specifications These resistors are engineered for power applications where reliability during transient events is critical. * **Power Rating:** Typically **0.75 Watts** at 70°C. * **Voltage Rating:** Maximum continuous working voltage is generally around **200V** (size dependent). * **Operating Temperature:** -55°C to +155°C. * **Pulse Performance:** Specifically designed to withstand high-peak power pulses (e.g., 1.2/50µs or 10/1000µs waveforms). --- ### 3. Internal Construction Unlike standard resistors, the PWC series uses a specialized manufacturing process: * **Thick Film Element:** A proprietary resistive ink is screened onto a high-purity alumina substrate. * **Pulse Optimization:** The geometry of the resistive element is laser-trimmed in a way that avoids "hot spots," allowing energy to dissipate evenly across the surface. * **Wrap-around Terminations:** Features an electroplated nickel barrier with a tin finish to ensure excellent solderability and mechanical integrity. --- ### 4. Common Applications Because of its "Pulse Withstanding" nature, this part is found in circuits exposed to sudden bursts of energy: 1. **Power Supplies:** Used as a discharge resistor or for inrush current limiting. 2. **Motor Controls:** Handling back-EMF or switching spikes. 3. **Telecommunications:** Protection against lightning surges or line transients. 4. **Automotive Electronics:** Circuit protection against load dump scenarios. --- ### 5. Equivalent Comparison | Feature | Standard 2010 Resistor | PWC-2010LF | | :--- | :--- | :--- | | **Surge Handling** | Low (Internal film may "fuse") | High (Optimized film geometry) | | **Precision** | Typically 1% to 5% | Available down to 0.5% | | **Reliability** | Susceptible to pulse fatigue | High pulse stability over time |
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse energy (in Joules) this resistor can withstand?
    • ⤷ How does the 'LF' designation affect the soldering profile for this component?
    • ⤷ Are there alternative case sizes available for the PWC series?